Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1672IPAGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1672IPAGR
Description  625kSPS, 24-Bit Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1672IPAGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1672IPAGR Datasheet HTML 3Page - Texas Instruments ADS1672IPAGR Datasheet HTML 4Page - Texas Instruments ADS1672IPAGR Datasheet HTML 5Page - Texas Instruments ADS1672IPAGR Datasheet HTML 6Page - Texas Instruments ADS1672IPAGR Datasheet HTML 7Page - Texas Instruments ADS1672IPAGR Datasheet HTML 8Page - Texas Instruments ADS1672IPAGR Datasheet HTML 9Page - Texas Instruments ADS1672IPAGR Datasheet HTML 10Page - Texas Instruments ADS1672IPAGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CLK
DRDY
t
CLK
t
SCLK
SCLK
internal
t
DRPW
t
CLKDR
t
DOPD
t
DOHD
t
DRSCLK
DOUT
MSB
LSB
ADS1672
www.ti.com
SBAS402D – JUNE 2008 – REVISED JULY 2010
TIMING CHARACTERISTICS
Figure 1. Data Retrieval Timing with Internal SCLK (SCLK_SEL = 0)
TIMING REQUIREMENTS: Internal SCLK
At TA = –40°C to +85°C, and DVDD = 2.7V to 3.3V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
50
ns
tCLKDR
CLK to DRDY delay
36
ns
tDRPW
DRDY pulse width
1
tCLK
tDRSCLK
Internally-generated SCLK rising edge to DRDY rising edge
4
ns
tSCLK
SCLK period (1/fSCLK)
1
tCLK
tDOPD
Rising edge of SCLK to new valid data output (propagation delay)
3
ns
tDC
CLK duty cycle
45
55
%
tSPWH
SCLK pulse width high
20
ns
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1672


Similar Part No. - ADS1672IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1672IPAGR TI-ADS1672IPAGR Datasheet
870Kb / 31P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1672IPAGRG4 TI-ADS1672IPAGRG4 Datasheet
870Kb / 31P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1672IPAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1672 TI-ADS1672 Datasheet
870Kb / 31P
[Old version datasheet]   625kSPS, 24-Bit Analog-to-Digital Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com