Electronic Components Datasheet Search |
|
JQX-13F1A Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD |
|
JQX-13F1A Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD |
1 / 2 page 28 21.5 35.5 3C:28 31.5 36 4C:28 41.5 36 Small size, light weight, heavy reverse power. Optional mounting ways. Firm structure, strong anti-shock & anti vibration. Suitable for automatic control, telecommunication equipment, household electrical appliances and machinery electrical facilities. Ordering Information JQX-13F 2C a DC12V 1 L 1 2 3 4 5 6 1 Part number JQX-13F 2 Contact arrangement 1A:1A 2A:2A 3A:3A; 1B:1B 2B:2B 3B:3B 1C:1C 2C:2C 3C:3C 4A:4A 4B:4B 4C:4C 3 Terminal a:inserting type b:PCB type 4 Coil rated voltage(V) AC:6,12,24,36,48,110,120,220,240 DC:6,12,24,36,48,110,220 5 Cover 1:1Mode 2:2 Mode 6 Coil transient suppression L:with LED D:with diode; LD:with LED & diode NIL:standard Dash numbers Coil voltage V Coil resistance 10% Pick up voltage V(max) 80%of rated voltage Release voltage V(min) 10%of rated voltage Coil power W Operate Time ms Release Time ms Rated Max. CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. Coil Parameter DC JQX-13F Contact Data Contact Material AgCdO AgSnO 2 Contact Arrangement Contact Rating 006-900 6 6.6 40 4.8 0.6 012-900 12 13.2 160 9.6 1.2 024-900 24 26.4 640/650 19.2 2.4 036-900 36 39.6 1440 28.8 3.6 048-900 48 52.8 2600 38.4 4.8 110-900 110 121 11000 88.0 11.0 220-900 220 242 53778 176 22.0 012-1400 12 13.2 107 9.6 1.2 024-1400 24 26.4 410 19.2 2.4 036-1400 36 39.6 926 28.8 3.6 048-1400 48 52.8 1700 38.4 4.8 110-1400 110 121 8500 88.0 11.0 220-1400 220 242 34571 176 22.0 012-1500 12 13.2 100 9.6 1.2 024-1500 24 26.4 350 19.2 2.4 036-1500 36 39.6 865 28.8 3.6 048-1500 48 52.8 1600 38.4 4.8 110-1500 110 121 6900 88.0 11.0 220-1500 220 242 32267 176 22.0 0.9 25 25 1.4 25 25 1.5 25 25 Max. Switching Voltage 30VDC 300VAC 5 Electrical 10 Item 4.30 of IEC 61810-7 7 Mechanical 2 10 I tem 4 .31 of IEC 61810-7 50m Item 4.12 of IEC 61810-7 03001003500 E169380 R50126378 Features 73 Dash numbers Coil voltage V Coil resistance 10% Pick up voltage V(max) 80%of rated voltage Release voltage V(min) 30%of rated voltage Coil power VA Rated Max. Coil Parameter AC 006AC-1200 6 6.6 11.5 183.0 4.8 1.8 012AC-1200 12 13.2 46 91.0 9.6 3.6 024AC-1200 24 26.4 184 46.0 19.2 7.2 036AC-1200 36 39.6 320 33.0 28.8 10.8 048AC-1200 48 52.8 735 24.0 38.4 14.4 110AC-1200 110 121 3900 11.0 88.0 33.0 120AC-1200 120 132 4550 9.8 96.0 36.0 220AC-1200 220 242 14400 4.2 176 66.0 240AC-1200 240 312 19000 5.5 192 72.0 012AC-2000 12 13.2 24 167 9.6 3.6 024AC-2000 24 26.4 100 83 19.2 7.2 036AC-2000 36 39.6 230 56 28.8 10.8 048AC-2000 48 52.8 410 42 38.4 14.4 2.0 110AC-2000 110 121 2300 18 88.0 33.0 220AC-2000 220 242 8600 9.1 176 66.0 240AC-2000 240 312 12100 6.2 192 72.0 012AC-2500 12 13.2 20 208 9.6 3.6 024AC-2500 24 26.4 78 104 19.2 7.2 036AC-2500 36 39.6 180 69 28.8 10.8 048AC-2500 48 52.8 350 52.1 38.4 14.4 2.5 110AC-2500 110 121 1600 22.7 88.0 33.0 220AC-2500 220 242 6700 11.4 176 66.0 240AC-2500 240 312 9120 9.8 192 72.0 1.2 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. 1) Insulation Resistance 1000M min (at 500VDC) Item 7 of IEC 61810-5 1) Dielectric Strength Between contacts 50Hz 1000V Item 6 of IEC 61810-5 Between contact and coil 50Hz 1500V Item 6 of IEC 61810-5 2 Shock resistance 100m/s 11ms IEC68-2-27 Test Ea Vibration resistance 10~55Hz double amplitude 1.5mm IEC68-2-6 Test Fc Terminals strength 8N 4N(PC type) IEC68-2-21 Test Ua2 Solderability 235 2 3 0.5s IEC68-2-20 Test Ta method 1 Ambient Temperature -40~70 ; -25~70 (3C,4C) Relative Humidity 85% (at 30 ) IEC68-2-3Test Ca Mass 37g(1C,2C);50g(3C);70g(4C) Note: 1). When testing, coil terminals should be connected , if LED is installed in relay . Safety approvals Safety approval UL&CUR T V CQC Load 10A/277VAC,28VDC 10A/220VAC Rated current mA Operation condition 74 JQX-13F C US 2 1 1A,1B,1C:20A/277VAC,28VDC HP 125VAC HP120VAC,240VAC 3 1 2A,2B,2C,3A,3B,3C,4A,4B,4C: 10A/277VAC,12A/250VAC,28VDC 2A,2B,2C: HP120VAC,240VAC 3 1 Max. Resistance or Voltage drop Operation life al 1A(1H) (SPSTNO) 2A(2H) (DPSTNO) 1B (1D)(SPSTNC) 2B(2D) (DPSTNC) 1C(1Z) (SPDT(B-M)) 2C(2Z) (DPDT(B-M)) 3A(3H)(SPSTNO) 3B(3D)SPSTNC) 3C(3Z)(3PDT(B-M)) 3A(3H)(SPSTNO) 3B(3D)(SPSTNC) 4C(4Z)(4PDT(B-M)) 15A, 20A/277VAC,28VDC 10A/277VAC,12A250VAC,28VDC 1/3 HP 120VAC 240VAC 1/3 HP 120VAC 240VAC 1/3HP 125VAC 1/2 HP 125VAC DC 0.9W 0.9W 1.4W 1.5W AC 1.2VA 1.2VA 2VA 2.5VA Coil power Motor load Max. Switching Power 560W 5540VA Resistive Max. Switching Current:20A Ningbo Huaguan Electronics Corporation LTD. |
Similar Part No. - JQX-13F1A |
|
Similar Description - JQX-13F1A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |