Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1203IRGTTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1203IRGTTG4
Description  16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1203IRGTTG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1203IRGTTG4 Datasheet HTML 1Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 2Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 3Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 4Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 5Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 6Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 7Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 8Page - Texas Instruments ADS1203IRGTTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ADS1203
SBAS318C − JUNE 2004 − REVISED JANUARY 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at −40
°C to +125°C, AVDD = BVDD = +5V or VDD = +5V, VIN+ = −250mV to +250mV,
VIN− = 0V, Mode 3, MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless otherwise noted.
PARAMETER
UNITS
ADS1203I
TEST CONDITIONS
PARAMETER
UNITS
MAX
TYP(1)
MIN
TEST CONDITIONS
Digital Inputs(6)(8)
Logic family
LVCMOS
VIH
High-level input Voltage
BVDD = 3.6V
2
BVDD+0.3
V
VIL
Low-level input voltage
BVDD = 2.7V
−0.3
0.8
V
IIN
Input current
VI = BVDD or GND
±50
nA
CI
Input capacitance
5
pF
Digital Outputs(6)(8)
Logic family
LVCMOS
VOH
High-level output voltage
BVDD = 2.7V, IOH = −100µA
BVDD−0.2
V
VOL
Low-level output voltage
BVDD = 2.7V, IOL = +100µA
0.2
V
CL
Load capacitance
30
pF
Data format
Bit Stream
Power Supply
VDD
Supply voltage
4.5
5.5
V
AVDD(6)
Analog supply voltage
4.5
5.5
V
BVDD(6)
Buffer I/O supply voltage
Low-voltage levels
2.7
3.6
V
BVDD(6)
Buffer I/O supply voltage
5V logic levels
4.5
5.5
V
IDD
Supply current
Mode 0
8.4
10.5
mA
IDD
Supply current
Mode 3
6.7
8.5
mA
AIDD(6)
Analog operating supply current
Mode 0
6.2
7.5
mA
AIDD(6)
Analog operating supply current
Mode 3
5.9
6.9
mA
BIDD(6)
Buffer I/O operating supply
BVDD = 3V, Mode 0
2.2
2.3
mA
BIDD(6)
Buffer I/O operating supply
current
BVDD = 3V, Mode 3(9)
0.8
0.9
mA
Power dissipation
Mode 0
42
49
mW
Power dissipation
Mode 3(9)
33.5
39
mW
(1) All typical values are at T
A = +25
°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for VIN+ = −250mV to +250mV, expressed either as the number of LSBs or as a percent of measured input range (500mV).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, the supported external clock frequency range is 1MHz up to 32MHz.
(6) Available only for QFN package.
(7) Applicable for 5.0V nominal supply: BV
DD = 4.5V to 5.5V.
(8) Applicable for 3.0V nominal supply: BV
DD = 2.7V to 3.6V.
(9) Measured with CLKOUT pin not loaded.
EQUIVALENT INPUT CIRCUIT
R
ON = 350Ω
C
(SAMPLE) =5pF
V
DD
V
DD
(AV
DD)
(BV
DD)
(AGND)
(BGND)
GND
GND
D
IN
A
IN
Diode Turn on Voltage: 0.4V
Equivalent Analog Input Circuit
Equivalent Digital Input Circuit


Similar Part No. - ADS1203IRGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1203IRGTTG4 TI1-ADS1203IRGTTG4 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
More results

Similar Description - ADS1203IRGTTG4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com