Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1191 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1191
Description  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1191 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1191 Datasheet HTML 2Page - Texas Instruments ADS1191 Datasheet HTML 3Page - Texas Instruments ADS1191 Datasheet HTML 4Page - Texas Instruments ADS1191 Datasheet HTML 5Page - Texas Instruments ADS1191 Datasheet HTML 6Page - Texas Instruments ADS1191 Datasheet HTML 7Page - Texas Instruments ADS1191 Datasheet HTML 8Page - Texas Instruments ADS1191 Datasheet HTML 9Page - Texas Instruments ADS1191 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
ADS1191
ADS1192
SBAS566A – DECEMBER 2011 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications at
DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2), and
gain = 6, unless otherwise noted.
ADS1191, ADS1192
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER DISSIPATION (Analog Supply = 3 V, RLD Turned Off)
Normal mode
670
740
µW
ADS1192
Standby mode
160
µW
Quiescent power
dissipation
Normal mode
450
495
µW
ADS1191
Standby mode
160
µW
Quiescent power
ADS1192
Normal mode
350
µW
dissipation, per
ADS1191
Normal mode
400
µW
channel
POWER DISSIPATION (Analog Supply = 5 V, RLD Turned Off)
Normal mode
1300
µW
ADS1192
Standby mode
340
µW
Quiescent power
dissipation
Normal mode
950
µW
ADS1191
Standby mode
340
µW
Quiescent power
ADS1192
Normal mode
670
µW
dissipation, per
ADS1191
Normal mode
860
µW
channel
POWER DISSIPATION IN POWER-DOWN MODE
DVDD = 1.8 V
1
µW
Analog supply = 3 V
DVDD = 3.3 V
4
µW
DVDD = 1.8 V
5
µW
Analog supply = 5 V
DVDD = 3.3 V
10
µW
TEMPERATURE
Specified temperature range
–40
+85
°C
Operating temperature range
–40
+85
°C
Storage temperature range
–60
+150
°C
THERMAL INFORMATION
ADS1191, ADS1192
THERMAL METRIC(1)
PBS (TQFP)
RSM (QFN)
UNITS
32 PINS
32 PINS
θJA
Junction-to-ambient thermal resistance
68.4
33.7
θJCtop
Junction-to-case (top) thermal resistance
25.9
36.4
θJB
Junction-to-board thermal resistance
30.5
25.2
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.2
ψJB
Junction-to-board characterization parameter
24.3
7.4
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
2.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: ADS1191 ADS1192


Similar Part No. - ADS1191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com