Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS20074 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS20074
Description  Rail-to-Rail Output, BW Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20074 Datasheet(HTML) 4 Page - ON Semiconductor

  NCS20074 Datasheet HTML 1Page - ON Semiconductor NCS20074 Datasheet HTML 2Page - ON Semiconductor NCS20074 Datasheet HTML 3Page - ON Semiconductor NCS20074 Datasheet HTML 4Page - ON Semiconductor NCS20074 Datasheet HTML 5Page - ON Semiconductor NCS20074 Datasheet HTML 6Page - ON Semiconductor NCS20074 Datasheet HTML 7Page - ON Semiconductor NCS20074 Datasheet HTML 8Page - ON Semiconductor NCS20074 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCS20071, NCS20072, NCS20074
http://onsemi.com
4
ORDERING INFORMATION
Device
Configuration
Automotive
Marking
Package
Shipping
NCS20071SN2T1G*
Single
No
*
SOT23−5
(TSOP−5)
(Pb−Free)
3000 / Tape and Reel
NCS20071*
*
SOT553−5
(Pb−Free)
4000 / Tape and Reel
NCV20071SN2T1G*
Yes
*
SOT23−5
(TSOP−5)
(Pb−Free)
3000 / Tape and Reel
NCV20071*
*
SOT553−5
(Pb−Free)
4000 / Tape and Reel
NCS20072DMR2G*
Dual
No
*
Micro8 (MSOP8)
(Pb−Free)
4000 / Tape and Reel
NCS20072DR2G*
*
SOIC−8
(Pb−Free)
2500 / Tape and Reel
NCS20072DTBR2G*
*
TSSOP−8
(Pb−Free)
3000 / Tape and Reel
NCS20072*
*
UDFN8
(Pb−Free)
3000 / Tape and Reel
NCV20072DMR2G*
Yes
*
Micro8 (MSOP8)
(Pb−Free)
4000 / Tape and Reel
NCV20072DR2G*
*
SOIC−8
(Pb−Free)
2500 / Tape and Reel
NCV20072DTBR2G*
*
TSSOP−8
(Pb−Free)
3000 / Tape and Reel
NCV20072*
*
UDFN8
(Pb−Free)
3000 / Tape and Reel
NCS20074DR2G
Quad
No
NCS20074
SOIC−14
(Pb−Free)
2500 / Tape and Reel
NCS20074DTBR2G
NCS2
0074
TSSOP−14
(Pb−Free)
2500 / Tape and Reel
NCV20074DR2G
Yes
NCS20074
SOIC−14
(Pb−Free)
2500 / Tape and Reel
NCV20074DTBR2G
NCS2
0074
TSSOP−14
(Pb−Free)
2500 / Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Contact local sales office for more information


Similar Part No. - NCS20074

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20074 ONSEMI-NCS20074 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
NCS20074DR2G ONSEMI-NCS20074DR2G Datasheet
963Kb / 23P
   Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
NCS20074DR2G ONSEMI-NCS20074DR2G Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
NCS20074DTBR2G ONSEMI-NCS20074DTBR2G Datasheet
963Kb / 23P
   Operational Amplifier, Railto- Rail Output
May, 2016 ??Rev. 11
NCS20074DTBR2G ONSEMI-NCS20074DTBR2G Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
More results

Similar Description - NCS20074

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271SN1T1G ONSEMI-TLV271SN1T1G Datasheet
972Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
ON Semiconductor
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com