Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV1A Datasheet(PDF) 8 Page - Marktech Corporate

Part # CLV1A
Description  PLCC4 3 in 1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLV1A Datasheet(HTML) 8 Page - Marktech Corporate

  CLV1A Datasheet HTML 1Page - Marktech Corporate CLV1A Datasheet HTML 2Page - Marktech Corporate CLV1A Datasheet HTML 3Page - Marktech Corporate CLV1A Datasheet HTML 4Page - Marktech Corporate CLV1A Datasheet HTML 5Page - Marktech Corporate CLV1A Datasheet HTML 6Page - Marktech Corporate CLV1A Datasheet HTML 7Page - Marktech Corporate CLV1A Datasheet HTML 8Page - Marktech Corporate CLV1A Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CLD-CT874.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:


Similar Part No. - CLV1A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A-FKB MARKTECH-CLV1A-FKB Datasheet
527Kb / 9P
   Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB-CH1K1E1BB7R3S3 CREE-CLV1A-FKB-CH1K1E1BB7R3S3 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A-FKB-CH1K1E1BB7R3S3 MARKTECH-CLV1A-FKB-CH1K1E1BB7R3S3 Datasheet
527Kb / 9P
   Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB-CH1K1E1BB7R4S3 CREE-CLV1A-FKB-CH1K1E1BB7R4S3 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
More results

Similar Description - CLV1A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
   Cree PLCC4 3 in 1 SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com