Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM1B-BKW-GKW Datasheet(PDF) 3 Page - Marktech Corporate

Part # CLM1B-BKW-GKW
Description  PLCC2 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM1B-BKW-GKW Datasheet(HTML) 3 Page - Marktech Corporate

  CLM1B-BKW-GKW Datasheet HTML 1Page - Marktech Corporate CLM1B-BKW-GKW Datasheet HTML 2Page - Marktech Corporate CLM1B-BKW-GKW Datasheet HTML 3Page - Marktech Corporate CLM1B-BKW-GKW Datasheet HTML 4Page - Marktech Corporate CLM1B-BKW-GKW Datasheet HTML 5Page - Marktech Corporate CLM1B-BKW-GKW Datasheet HTML 6Page - Marktech Corporate CLM1B-BKW-GKW Datasheet HTML 7Page - Marktech Corporate CLM1B-BKW-GKW Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT994.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 20 mA)
Blue(CLM1B-BKW)
Bin Code
Min.
(mcd)
Max.
(mcd)
Ta
280
355
Tb
355
450
Ua
450
560
Ub
560
710
Color Bin Limit (I
F = 20 mA)
Green (CLM1B-GKW)
Bin Code
Min.
(mcd)
Max.
(mcd)
Va
710
900
Vb
900
1120
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Tolerance of measurement of luminous intensity is ±10%
Blue (CLM1B-BKW)
Bin Code
Min.
(nm)
Max.
(nm)
B3
460
465
B4
465
470
B5
470
475
B6
475
480
Green (CLM1B-GKW)
Bin Code
Min.
(nm)
Max.
(nm)
G7
520
525
G8
525
530
G9
530
535
Ga
535
540
• Tolerance of measurement of dominant wavelength is ±1 nm


Similar Part No. - CLM1B-BKW-GKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM1B-BKW-GKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
CLM3C MARKTECH-CLM3C_15 Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com