Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC081C021 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC081C021
Description  ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081C021 Datasheet(HTML) 3 Page - Texas Instruments

  ADC081C021 Datasheet HTML 1Page - Texas Instruments ADC081C021 Datasheet HTML 2Page - Texas Instruments ADC081C021 Datasheet HTML 3Page - Texas Instruments ADC081C021 Datasheet HTML 4Page - Texas Instruments ADC081C021 Datasheet HTML 5Page - Texas Instruments ADC081C021 Datasheet HTML 6Page - Texas Instruments ADC081C021 Datasheet HTML 7Page - Texas Instruments ADC081C021 Datasheet HTML 8Page - Texas Instruments ADC081C021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
SDA
SCL
Lowest Conversion
Configuration
I
2
C Serial Interface
ADC081C021/
ADC081C027
Conversion Result
High Limit
Low Limit
Pointer
Register
and
Decode
Logic
Alert
Set-Point
Comparator
ADDR*
Highest Conversion
8-Bit
Successive
Approximation
ADC
GND
VA
Hysteresis
VIN
Alert Status
ALERT*
T/H
Oscillator
REF
* Note: The ADC081C021 has the ALERT pin but no ADDR pin.
The ADC081C027 has the ADDR pin but no ALERT pin.
ADC081C021, ADC081C027
www.ti.com
SNAS447C – FEBRUARY 2008 – REVISED MARCH 2013
Block Diagram
PIN DESCRIPTIONS
Symbol
Type
Equivalent Circuit
Description
Power and unbufferred reference voltage. VA must be free
VA
Supply
of noise and decoupled to GND.
GND
Ground
Ground for all on-chip circuitry.
VIN
Analog Input
See Figure 22
Analog input. This signal can range from GND to VA.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC081C021 ADC081C027


Similar Part No. - ADC081C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081C021 NSC-ADC081C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021 TI-ADC081C021 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
ADC081C021CIMK NSC-ADC081C021CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021CIMK TI-ADC081C021CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC081C021CIMK/NOPB TI-ADC081C021CIMK/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
More results

Similar Description - ADC081C021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com