Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL43 Datasheet(PDF) 2 Page - General Semiconductor

Part # LL43
Description  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL43 Datasheet(HTML) 2 Page - General Semiconductor

  LL43 Datasheet HTML 1Page - General Semiconductor LL43 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
LL42, LL43
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
tested with 100
µA Pulses
V(BR)R
30
––V
Forward Voltage
Pulse Test tp < 300 µs, δ < 2%
at IF = 200 mA
at IF = 10 mA
LL42
at IF = 50 mA
LL42
at IF = 2 mA
LL43
at IF = 15mA
LL43
VF
VF
VF
VF
VF
0.26
1
0.4
0.65
0.33
0.45
V
V
V
V
V
Leakage Current
Pulse Test tp < 300 µs, δ < 2%
at VR = 25 V
at VR = 25 V, Tj = 100 °C
IR
IR
0.5
100
µA
µA
Capacitance
at VR = 1 V, f = 1 MHz
Ctot
–7–pF
Reverse Recovery Time
from IF = 10 mA through IR = 10 mA to IR = 1 mA,
RL = 100 Ω
trr
––5ns
Rectification Efficiency
at RL = 15 KΩ, CL = 300 pF,
f = 45 MHz, VRF = 2 V
ηv
80
––%
Thermal Resistance Junction to Ambient Air
RthJA
––0.31)
K/mW
1) Valid provided that electrodes are kept at ambient temperature.


Similar Part No. - LL43

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL43 DIODES-LL43 Datasheet
50Kb / 1P
   SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
SynSemi, Inc.
LL43 SYNSEMI-LL43 Datasheet
81Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL43 GOOD-ARK-LL43 Datasheet
61Kb / 2P
   Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL43 JINANJINGHENG-LL43 Datasheet
73Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
EIC discrete Semiconduc...
LL43 EIC-LL43 Datasheet
93Kb / 1P
   SCHOTTKY BARRIER DIODES
More results

Similar Description - LL43

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com