Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC122S625 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC122S625
Description  ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S625 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC122S625 Datasheet HTML 4Page - Texas Instruments ADC122S625 Datasheet HTML 5Page - Texas Instruments ADC122S625 Datasheet HTML 6Page - Texas Instruments ADC122S625 Datasheet HTML 7Page - Texas Instruments ADC122S625 Datasheet HTML 8Page - Texas Instruments ADC122S625 Datasheet HTML 9Page - Texas Instruments ADC122S625 Datasheet HTML 10Page - Texas Instruments ADC122S625 Datasheet HTML 11Page - Texas Instruments ADC122S625 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2
1
f
2
6
f
2
2
f
10
A
A
+
+
A
log
20
=
THD
ADC122S625
SNAS451A – FEBRUARY 2008 – REVISED MARCH 2013
www.ti.com
POSITIVE GAIN ERROR is the difference between the positive full-scale error and the offset error.
POWER SUPPLY REJECTION RATIO (PSRR) is a measure of how well a change in supply voltage is rejected.
PSRR is calculated from the ratio of the change in offset error for a given change in supply voltage, expressed in
dB. For the ADC122S625, VA is changed from 4.5V to 5.5V.
PSRR = 20 LOG (
ΔOffset / ΔVA)
(2)
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms
value of the sum of all other spectral components below one-half the sampling frequency, not including
harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral components below half the clock frequency, including
harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the desired signal
amplitude to the amplitude of the peak spurious spectral component, where a spurious spectral component is
any signal present in the output spectrum that is not present at the input and may or may not be a harmonic.
TOTAL HARMONIC DISTORTION (THD) is the ratio of the rms total of the first five harmonic components at the
output to the rms level of the input signal frequency as seen at the output, expressed in dB. THD is calculated as
(3)
where Af1 is the RMS power of the input frequency at the output and Af2 through Af6 are the RMS power in the
first 5 harmonic frequencies.
THROUGHPUT TIME is the minimum time required between the start of two successive conversion.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S625


Similar Part No. - ADC122S625

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625CIMM NSC-ADC122S625CIMM Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625CIMM/NOPB TI1-ADC122S625CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625CIMMX NSC-ADC122S625CIMMX Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
More results

Similar Description - ADC122S625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com