Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128D818 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC128D818
Description  ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128D818 Datasheet(HTML) 1 Page - Texas Instruments

  ADC128D818_14 Datasheet HTML 1Page - Texas Instruments ADC128D818_14 Datasheet HTML 2Page - Texas Instruments ADC128D818_14 Datasheet HTML 3Page - Texas Instruments ADC128D818_14 Datasheet HTML 4Page - Texas Instruments ADC128D818_14 Datasheet HTML 5Page - Texas Instruments ADC128D818_14 Datasheet HTML 6Page - Texas Instruments ADC128D818_14 Datasheet HTML 7Page - Texas Instruments ADC128D818_14 Datasheet HTML 8Page - Texas Instruments ADC128D818_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ADC128D818
www.ti.com
SNAS483E – FEBRUARY 2010 – REVISED MARCH 2013
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor,
Internal/External Reference, and I2C Interface
Check for Samples: ADC128D818
1
FEATURES
KEY SPECIFICATIONS
2
12-bit Resolution Delta-Sigma ADC
ADC Resolution 12-bit
Local Temperature Sensing
Supply Voltage Range +3 to +5.5 V
Configurable Single-Ended and/or Pseudo-Diff.
Total Unadjusted Error –0.45%/+0.2%
Inputs
Integral Non-Linearity ±1 LSb
+2.56V Internal VREF or Variable External
Differential Non-Linearity ±1 LSb
VREF
Operating Current 0.56 mA
WATCHDOG Window Comparators with Status
Deep Shutdown Current 10 µA
and Mask Registers of All Measured Values
Temperature Resolution °C/LSb
Independent Registers for Storing Measured
Temp. Accuracy (–40°C to 125°C) ±3°C
Values
Temp. Accuracy (–25°C to 100°C) ±2°C
INT Output Notifies Microprocessor of Error
Event
DESCRIPTION
I2C Serial Bus Interface Compatibility
The ADC128D818 I2C system monitor is designed for
9 Selectable Addresses
maximum flexibility. The system monitor can be
configured for single-ended and/or pseudo-differential
TIMEOUT Reset Function to Prevent I2C Bus
inputs. An on-board temperature sensor, combined
Lock-Up
with WATCHDOG window comparators, and an
Individual Channel Shutdown to Limit Power
interrupt output pin, INT, allow easy monitoring and
Consumption
out-of-range
alarms
for
every
channel.
A
high
Deep Shutdown Mode to Minimize Power
performance internal reference is also available to
Consumption
provide for a complete solution in the most difficult
operating conditions.
TSSOP 16-Lead Package
The ADC128D818’s 12-bit delta-sigma ADC supports
APPLICATIONS
Standard Mode (Sm, 100 kbits/s) and Fast Mode
(Fm, 400kbits/s) I2C interfaces. The ADC128D818
Communications Infrastructure
includes a sequencer to control channel conversions
Thermal / Hardware Server Monitors
and stores all converted results in independent
System Monitors
registers for easy microprocessor retrieval. Unused
channels
can
be
shut
down
independently
to
Industrial and Medical Systems
conserve power.
Electronic Test Equipment and
The ADC can use either an internal 2.56V reference
Instrumentation
or a variable external reference. An analog filter is
Power Supply Monitoring / Supervision
included on the I2C digital control lines to provide
improved noise immunity. The device also includes a
TIMEOUT reset function on SDA and SCL to prevent
I2C bus lock-up.
The ADC128D818 operates from +3.0 to +5.5V
power
supply
voltage
range,
–40°C
to
125°C
temperature range, and the device is available in a
16-pin TSSOP package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC128D818_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_15 Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
More results

Similar Description - ADC128D818_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Maxim Integrated Produc...
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com