Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128D818 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC128D818
Description  ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128D818 Datasheet(HTML) 3 Page - Texas Instruments

  ADC128D818_14 Datasheet HTML 1Page - Texas Instruments ADC128D818_14 Datasheet HTML 2Page - Texas Instruments ADC128D818_14 Datasheet HTML 3Page - Texas Instruments ADC128D818_14 Datasheet HTML 4Page - Texas Instruments ADC128D818_14 Datasheet HTML 5Page - Texas Instruments ADC128D818_14 Datasheet HTML 6Page - Texas Instruments ADC128D818_14 Datasheet HTML 7Page - Texas Instruments ADC128D818_14 Datasheet HTML 8Page - Texas Instruments ADC128D818_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
12-bit
Delta-
Sigma
ADC and
MUX
Interrupt
Masking
and
Interrupt
Control
Interface and Control
IN0
IN1
IN2
IN3
IN4
IN5
Upper Limit
Lower Limit
Upper Limit
Lower Limit
Upper Limit
Lower Limit
Upper Limit
Lower Limit
Upper Limit
Lower Limit
Upper Limit
Lower Limit
IN0
IN1
IN2
IN3
IN4
IN5
IN6
16
15
14
13
12
11
10
Interrupt
Status
Registers
Serial Bus Interface
SDA
SCL
A0
Watchdog
3
2
7
IN6
IN7
Upper Limit
Lower Limit
Upper Limit
Lower Limit
IN7
9
V
+
GND
VREF
1
4
5
6
A1
8
INT
Internal
VREF =
2.56V
Tempe-
rature
Temperature
Thot
Thot_hyst
ADC128D818
www.ti.com
SNAS483E – FEBRUARY 2010 – REVISED MARCH 2013
PIN DESCRIPTIONS (continued)
Pin
Pin
ESD
Type
Description
Number
Name(s)
Structure
Interrupt Request. Active Low, NMOS, open-drain.
6
INT
Digital Output
Requires external pull-up resistor to function properly.
Tri-Level Serial Address pins that allow 9 devices on a
7 - 8
A0 - A1
Tri-Level Inputs
single I2C bus.
The full scale range will be controlled by the internal or
9 - 16
IN7 - IN0
Analog Inputs
external VREF. These inputs can be assigned as single-
ended and/or pseudo-differential inputs.
Block Diagram
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC128D818


Similar Part No. - ADC128D818_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_15 Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
More results

Similar Description - ADC128D818_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Maxim Integrated Produc...
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
logo
Texas Instruments
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com