Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S022CIMTX Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC128S022CIMTX
Description  ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S022CIMTX Datasheet(HTML) 4 Page - Texas Instruments

  ADC128S022CIMTX Datasheet HTML 1Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 2Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 3Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 4Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 5Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 6Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 7Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 8Page - Texas Instruments ADC128S022CIMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ADC128S022
SNAS334E – AUGUST 2005 – REVISED MARCH 2013
www.ti.com
ADC128S022 Converter Electrical Characteristics
(1)
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200 ksps, CL =
50pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
VA = VD = +3.0V
±0.3
±1
LSB (max)
Integral Non-Linearity (End Point
INL
Method)
VA = VD = +5.0V
±0.4
±1
LSB (max)
+0.3
+0.9
LSB (max)
VA = VD = +3.0V
−0.2
−0.7
LSB (min)
DNL
Differential Non-Linearity
+0.5
+1.0
LSB (max)
VA = VD = +5.0V
−0.3
−0.7
LSB (min)
VA = VD = +3.0V
0.8
±2.3
LSB (max)
VOFF
Offset Error
VA = VD = +5.0V
1.2
±2.3
LSB (max)
VA = VD = +3.0V
±0.05
±1.5
LSB (max)
OEM
Offset Error Match
VA = VD = +5.0V
±0.2
±1.5
LSB (max)
VA = VD = +3.0V
0.5
±2.0
LSB (max)
FSE
Full Scale Error
VA = VD = +5.0V
0.3
±2.0
LSB (max)
VA = VD = +3.0V
±0.05
±1.5
LSB (max)
FSEM
Full Scale Error Match
VA = VD = +5.0V
±0.2
±1.5
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
VA = VD = +3.0V
8
MHz
FPBW
Full Power Bandwidth (
−3dB)
VA = VD = +5.0V
11
MHz
VA = VD = +3.0V,
73
70
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
SINAD
Signal-to-Noise Plus Distortion Ratio
VA = VD = +5.0V,
73
70
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
VA = VD = +3.0V,
73
70.8
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
SNR
Signal-to-Noise Ratio
VA = VD = +5.0V,
73
70.8
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
VA = VD = +3.0V,
−89
−74
dB (max)
fIN = 39.9 kHz, −0.02 dBFS
THD
Total Harmonic Distortion
VA = VD = +5.0V,
−90
−74
dB (max)
fIN = 39.9 kHz, −0.02 dBFS
VA = VD = +3.0V,
91
75
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
SFDR
Spurious-Free Dynamic Range
VA = VD = +5.0V,
91
75
dB (min)
fIN = 39.9 kHz, −0.02 dBFS
VA = VD = +3.0V, fIN = 39.9 kHz
11.8
11.3
Bits (min)
ENOB
Effective Number of Bits
VA = VD = +5.0V, fIN = 39.9 kHz, −0.02
11.8
11.3
Bits (min)
dBFS
VA = VD = +3.0V, fIN = 20 kHz
81
dB
ISO
Channel-to-Channel Isolation
VA = VD = +5.0V, fIN = 20 kHz, −0.02
80
dB
dBFS
(1)
Data sheet min/max specification limits are specified by design, test, or statistical analysis.
(2)
Tested limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC128S022


Similar Part No. - ADC128S022CIMTX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022CIMTX NSC-ADC128S022CIMTX Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMTX TI1-ADC128S022CIMTX Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMTX TI1-ADC128S022CIMTX Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMTX/NOPB TI1-ADC128S022CIMTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S022CIMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com