Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S022 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC128S022
Description  ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S022 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC128S022 Datasheet HTML 2Page - Texas Instruments ADC128S022 Datasheet HTML 3Page - Texas Instruments ADC128S022 Datasheet HTML 4Page - Texas Instruments ADC128S022 Datasheet HTML 5Page - Texas Instruments ADC128S022 Datasheet HTML 6Page - Texas Instruments ADC128S022 Datasheet HTML 7Page - Texas Instruments ADC128S022 Datasheet HTML 8Page - Texas Instruments ADC128S022 Datasheet HTML 9Page - Texas Instruments ADC128S022 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADC128S022
SNAS334E – AUGUST 2005 – REVISED MARCH 2013
www.ti.com
ADC128S022 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200 ksps, CL =
50pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
AC ELECTRICAL CHARACTERISTICS
fSCLKMIN
Minimum Clock Frequency
VA = VD = +2.7V to +5.25V
0.8
MHz (min)
fSCLK
Maximum Clock Frequency
VA = VD = +2.7V to +5.25V
16
3.2
MHz (max)
50
ksps (min)
fS
Sample Rate Continuous Mode
VA = VD = +2.7V to +5.25V
1000
200
ksps (max)
tCONVERT
Conversion (Hold) Time
VA = VD = +2.7V to +5.25V
13
SCLK cycles
30
40
% (min)
DC
SCLK Duty Cycle
VA = VD = +2.7V to +5.25V
70
60
% (max)
tACQ
Acquisition (Track) Time
VA = VD = +2.7V to +5.25V
3
SCLK cycles
Acquisition Time + Conversion Time
Throughput Time
16
SCLK cycles
VA = VD = +2.7V to +5.25V
tAD
Aperture Delay
VA = VD = +2.7V to +5.25V
4
ns
ADC128S022 Timing Specifications
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE =
50 ksps to 200 ksps, and CL = 50pF. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(1)
Units
tCSH
CS Hold Time after SCLK Rising Edge
0
10
ns (min)
tCSS
CS Setup Time prior to SCLK Rising Edge
4.5
10
ns (min)
tEN
CS Falling Edge to DOUT enabled
5
30
ns (max)
tDACC
DOUT Access Time after SCLK Falling Edge
17
27
ns (max)
tDHLD
DOUT Hold Time after SCLK Falling Edge
4
ns (typ)
tDS
DIN Setup Time prior to SCLK Rising Edge
3
10
ns (min)
tDH
DIN Hold Time after SCLK Rising Edge
3
10
ns (min)
tCH
SCLK High Time
0.4 x tSCLK
ns (min)
tCL
SCLK Low Time
0.4 x tSCLK
ns (min)
DOUT falling
2.4
20
ns (max)
tDIS
CS Rising Edge to DOUT High-Impedance
DOUT rising
0.9
20
ns (max)
(1)
Tested limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC128S022


Similar Part No. - ADC128S022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT NSC-ADC128S022CIMT Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com