Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0801 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC0801
Description  8-Bit 關P Compatible A/D Converters
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0801 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC0801_14 Datasheet HTML 5Page - Texas Instruments ADC0801_14 Datasheet HTML 6Page - Texas Instruments ADC0801_14 Datasheet HTML 7Page - Texas Instruments ADC0801_14 Datasheet HTML 8Page - Texas Instruments ADC0801_14 Datasheet HTML 9Page - Texas Instruments ADC0801_14 Datasheet HTML 10Page - Texas Instruments ADC0801_14 Datasheet HTML 11Page - Texas Instruments ADC0801_14 Datasheet HTML 12Page - Texas Instruments ADC0801_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
TYPICAL APPLICATIONS (continued)
Figure 16. Span Adjust: 0V
≤ VIN ≤ 3V
VREF/2 = 256 mV
Figure 17. Directly Converting a Low-Level Signal
For: VIN(+)>VIN(−); Output = FFHEX
For: VIN(+) < VIN(−); Output = 00HEX
Figure 18. A µP Interfaced Comparator
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805


Similar Part No. - ADC0801_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_15 Datasheet
6Mb / 56P
[Old version datasheet]   Analog-to-Digital Converters
More results

Similar Description - ADC0801_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0801-N TI1-ADC0801-N Datasheet
1Mb / 43P
[Old version datasheet]   ADC0801/ADC0802/ADC0803/ADC0804/ADC0805 8-Bit 關P Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com