Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS803U1K Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS803U1K
Description  12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS803U1K Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS803U1K Datasheet HTML 3Page - Texas Instruments ADS803U1K Datasheet HTML 4Page - Texas Instruments ADS803U1K Datasheet HTML 5Page - Texas Instruments ADS803U1K Datasheet HTML 6Page - Texas Instruments ADS803U1K Datasheet HTML 7Page - Texas Instruments ADS803U1K Datasheet HTML 8Page - Texas Instruments ADS803U1K Datasheet HTML 9Page - Texas Instruments ADS803U1K Datasheet HTML 10Page - Texas Instruments ADS803U1K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ADS803
7
SBAS074B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, and single-ended input and sampling rate = 5MHz, unless otherwise specified.
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM
(DC Input, V
IN = 2Vp-p)
N – 2N – 1
N
N + 1
N + 2
Code
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM
(DC Input, V
IN = 5Vp-p Range)
N – 2N – 1
N
N + 1
N + 2
Code
APPLICATION INFORMATION
DRIVING THE ANALOG INPUT
The ADS803 allows its analog inputs to be driven either
single-ended or differentially. The focus of the following
discussion is on the single-ended configuration. Typically, its
implementation is easier to achieve and the rated specifica-
tions for the ADS803 are characterized using the single-
ended mode of operation.
AC-COUPLED INPUT CONFIGURATION
Given in Figure 1 is the circuit example of the most common
interface configuration for the ADS803. With the VREF pin
connected to the SEL pin, the full-scale input range is defined
to be 2Vp-p. This signal is ac-coupled in single-ended form
to the ADS803 using the low-distortion voltage-feedback
amplifier OPA642. As is generally necessary for single-
supply components, operating the ADS803 with a full-scale
input signal swing requires a level-shift of the amplifier’s
zero-centered analog signal to comply with the A/D converter’s
input range requirements. Using a DC blocking capacitor
between the output of the driving amplifier and the converter’s
input, a simple level-shifting scheme can be implemented. In
this configuration, the top and bottom references (REFT and
REFB) provide an output voltage of +3V and +2V, respec-
tively. Here, two resistor pairs (2 • 2k
Ω) are used to create a
common-mode voltage of approximately +2.5V to bias the
inputs of the ADS803 (IN, IN) to the required DC voltage.
FIGURE 1. AC-Coupled Input Configuration for 2Vp-p Input Swing and Common-Mode Voltage at +2.5V Derived from Internal
Top and Bottom Reference.
OPA642
V
IN
+V
IN
0V
–V
IN
R
F
402
R
G
402
ADS803
R
S
24.9
2k
2k
2k
2k
100pF
0.1
µF
0.1
µF
2Vp-p
IN
IN
(+2V)
REFB
(+1V)
V
REF
SEL
REFT
(+3V)
+5V –5V
+2.5V
DC


Similar Part No. - ADS803U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803U BURR-BROWN-ADS803U Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS803U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com