Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS803E1KG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS803E1KG4
Description  12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS803E1KG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS803E1KG4 Datasheet HTML 1Page - Texas Instruments ADS803E1KG4 Datasheet HTML 2Page - Texas Instruments ADS803E1KG4 Datasheet HTML 3Page - Texas Instruments ADS803E1KG4 Datasheet HTML 4Page - Texas Instruments ADS803E1KG4 Datasheet HTML 5Page - Texas Instruments ADS803E1KG4 Datasheet HTML 6Page - Texas Instruments ADS803E1KG4 Datasheet HTML 7Page - Texas Instruments ADS803E1KG4 Datasheet HTML 8Page - Texas Instruments ADS803E1KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ADS803
5
SBAS074B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, and single-ended input and sampling rate = 5MHz, unless otherwise specified.
SPECTRAL PERFORMANCE
Frequency (MHz)
0
0.5
1.0
1.5
2.0
2.5
0
–20
–40
–60
–80
–100
–120
f
IN = 500kHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
0.5
1.0
1.5
2.0
2.5
0
–20
–40
–60
–80
–100
–120
f
IN = 2.48MHz
FREQUENCY SPECTRUM
Frequency (MHz)
0
0.5
1.0
1.5
2.0
2.5
0
–20
–40
–60
–80
–100
–120
f
1 = 1.8MHz at –7dB
f
2 = 1.9MHz at –7dB
IMD (3) = –74dBc
DIFFERENTIAL LINEARITY ERROR
Output Code
0
1024
2048
3072
4096
1.0
0.5
0
–0.5
–1.0
f
IN = 500kHz
INTEGRAL LINEARITY ERROR
Output Code
0
1024
2048
3072
4096
4.0
2.0
0
–2.0
–4.0
f
IN = 500kHz
100
80
60
40
20
0
SWEPT POWER SFDR
–60
–50
–40
–30
–20
–10
0
Input Amplitude (dBFS)
dBFS
dBc
f
IN = 2.48MHz


Similar Part No. - ADS803E1KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803E BURR-BROWN-ADS803E Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS803E1KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com