Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS805E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS805E
Description  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS805E Datasheet(HTML) 1 Page - Texas Instruments

  ADS805E Datasheet HTML 1Page - Texas Instruments ADS805E Datasheet HTML 2Page - Texas Instruments ADS805E Datasheet HTML 3Page - Texas Instruments ADS805E Datasheet HTML 4Page - Texas Instruments ADS805E Datasheet HTML 5Page - Texas Instruments ADS805E Datasheet HTML 6Page - Texas Instruments ADS805E Datasheet HTML 7Page - Texas Instruments ADS805E Datasheet HTML 8Page - Texas Instruments ADS805E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
12-Bit, 20MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q HIGH SFDR: 74dB at 9.8MHz f
IN
q HIGH SNR: 68dB
q LOW POWER: 300mW
q LOW DLE: 0.25LSB
q FLEXIBLE INPUT RANGE
q OVER-RANGE INDICATOR
APPLICATIONS
q STUDIO CAMERAS
q IF AND BASEBAND DIGITIZATION
q COPIERS
q TEST INSTRUMENTATION
DESCRIPTION
The ADS805 is a 20MHz, high dynamic range, 12-bit, pipelined
Analog-to-Digital Converter ADC. This converter includes a
high-bandwidth track-and-hold that gives excellent spurious
performance up to and beyond the Nyquist rate. This high-
bandwidth, linear track-and-hold minimizes harmonics and
has low jitter, leading to excellent Signal-to-Noise Ratio
(SNR) performance. The ADS805 is also pin-compatible with
the 10MHz ADS804 and the 5MHz ADS803.
The ADS805 provides an internal reference or an external
reference can be used. The ADS805 can be programmed for
a 2Vp-p input range which is the easiest to drive with a single
op amp and provides the best spurious performance. Alter-
natively, the 5Vp-p input range can be used for the lowest
input-referred noise of 0.09LSBs rms giving superior imaging
performance. There is also the capability to set the input
range between 2Vp-p and 5Vp-p, either single-ended or
differential. The ADS805 also provides an over-range flag
that indicates when the input signal has exceeded the
converter’s full-scale range. This flag can also be used to
reduce the gain of the front end signal conditioning circuitry.
The ADS805 employs digital error techniques to provide
excellent differential linearity for demanding imaging applica-
tions. Its low distortion and high SNR give the extra margin
needed for communications, medical imaging, video, and
test instrumentation applications. The ADS805 is available in
an SSOP-28 package.
12-Bit
Pipelined
ADC Core
Reference and
Mode Select
Reference Ladder
and Driver
Timing Circuitry
Error
Correction
Logic
3-State
Outputs
T&H
D0
D11
CLK
+V
S
ADS805
VDRV
OE
SEL
REFB
V
REF
REFT
IN
V
IN
IN
CM
OVR
ADS805
SBAS073B – JANUARY 1997 – REVISED NOVEMBER 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1997, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ADS8
05E


Similar Part No. - ADS805E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS805E TI1-ADS805E Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS805E BURR-BROWN-ADS805E Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805E/1K TI1-ADS805E/1K Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805E/1KG4 TI1-ADS805E/1KG4 Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805EG4 TI1-ADS805EG4 Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS805E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com