Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5810 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5810
Description  Silicon Power Rectifier Diode, 12 Amp, DO4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5810 Datasheet(HTML) 1 Page - NTE Electronics

  NTE5810 Datasheet HTML 1Page - NTE Electronics NTE5810 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE5810 & NTE5811,
NTE5870 thru NTE5891
Silicon Power Rectifier Diode, 12 Amp, DO4
Description:
The NTE5810, NTE5811, and NTE5870 through NTE5891 are low power general purpose rectifier
diodes in a DO4 type package designed for battery chargers, converters, power supplies, and ma-
chine tool controls.
Features:
D High Surge Current Capability
D High Voltage Available
D Designed for a Wide Range of Applications
D Available in Anode−to−Case or Cathode−to−Case Style
Ratings and Characteristics:
Average Forward Current (TC = +144°C Max), IF(AV)
12A
....................................
Maximum Forward Surge Current, IFSM
50Hz
230A
......................................................................
60Hz
240A
......................................................................
Fusing Current, I2t
50Hz
260A2s
....................................................................
60Hz
240A2s
....................................................................
Fusing Current, I2pt
3580A2ps
.........................................................
Maximum Reverse Recovery Voltage Range, VRRM
50 to 1200V
..............................
Voltage Ratings: (TJ = +175°C, Note 1)
NTE Type Number
VRRM−Max
Repetitive Peak
Reverse Volt.
(V)
VRSM−Max
Non−Repetitive Peak
Reverse Voltage
(V)
VR−Max.
Direct Reverse
Voltage
(V)
VR(SR)
Minimum Avalanche
Voltage
(V)
IRM−Max
Reverse Current
Rated VRRM
(mA)
Cathode
to Case
Anode
to Case
5870
5871
50
75
50
12
5872
5873
100
150
100
12
5874
5875
200
275
200
12
5876
5877
300
385
300
12
5878
5879
400
500
400
500
12
5880
5881
500
613
500
626
12
5882
5883
600
725
600
750
12
5886
5887
800
950
800
950
12
5890
5891
1000
1200
1000
1150
12
5810
5811
1200
1400
1200
1350
12


Similar Part No. - NTE5810

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5810 NTE-NTE5810 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp
NTE5810 NTE-NTE5810 Datasheet
66Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp, DO4
More results

Similar Description - NTE5810

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5886 NTE-NTE5886 Datasheet
66Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp, DO4
NTE5874 NTE-NTE5874 Datasheet
66Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp, DO4
NTE5810 NTE-NTE5810 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com