Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS826E1KG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS826E1KG4
Description  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS826E1KG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS826E1KG4 Datasheet HTML 1Page - Texas Instruments ADS826E1KG4 Datasheet HTML 2Page - Texas Instruments ADS826E1KG4 Datasheet HTML 3Page - Texas Instruments ADS826E1KG4 Datasheet HTML 4Page - Texas Instruments ADS826E1KG4 Datasheet HTML 5Page - Texas Instruments ADS826E1KG4 Datasheet HTML 6Page - Texas Instruments ADS826E1KG4 Datasheet HTML 7Page - Texas Instruments ADS826E1KG4 Datasheet HTML 8Page - Texas Instruments ADS826E1KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADS823, ADS826
SBAS070B
5
www.ti.com
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
30
f
IN = 10MHz
SNR = 60dBFS
SFDR = 76dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
30
f
IN = 1MHz
SNR = 60dBFS
SFDR = 77dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
30
f
IN = 20MHz
SNR = 58.7dBFS
SFDR = 70dBFS
SPECTRAL PERFORMANCE
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
30
f
IN = 20MHz
SNR = 60.4dBFS
SFDR = 72dBFS
SPECTRAL PERFORMANCE
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
30
f
IN = 10MHz
SNR = 60dBFS
SFDR = 73dBFS
SPECTRAL PERFORMANCE
(Single-Ended, 1Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7.5
15
22.5
30
f
IN = 10MHz
SNR = 56.6dBFS
SFDR = 74dBFS
TYPICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, external reference, unless otherwise noted.


Similar Part No. - ADS826E1KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS826E TI-ADS826E Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1K TI-ADS826E/1K Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1KG4 TI-ADS826E/1KG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826EG4 TI-ADS826EG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS826E1KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com