Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS826E1KG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS826E1KG4
Description  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS826E1KG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS826E1KG4 Datasheet HTML 1Page - Texas Instruments ADS826E1KG4 Datasheet HTML 2Page - Texas Instruments ADS826E1KG4 Datasheet HTML 3Page - Texas Instruments ADS826E1KG4 Datasheet HTML 4Page - Texas Instruments ADS826E1KG4 Datasheet HTML 5Page - Texas Instruments ADS826E1KG4 Datasheet HTML 6Page - Texas Instruments ADS826E1KG4 Datasheet HTML 7Page - Texas Instruments ADS826E1KG4 Datasheet HTML 8Page - Texas Instruments ADS826E1KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADS823, ADS826
SBAS070B
2
www.ti.com
+VS ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (+VS + 0.3V)
Logic Input ............................................................... –0.3V to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER(1)
MEDIA, QUANTITY
ADS823E
SSOP-28
DB
–40
°C to +85°C
ADS823E
ADS823E
Rails
"
"
"
"
"
ADS823E/1K
Tape and Reel, 1000
ADS826E
SSOP-28
DB
–40
°C to +85°C
ADS826E
ADS826E
Rails
"
"
"
"
"
ADS826E/1K
Tape and Reel, 1000
NOTE: (1) Fot the most current specifications and package information, refer to our web site at www.ti.com. (2) Models with a slash (/) are available only in Tape
and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces of ADS823E/1K” will get a single 1000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, external reference, unless otherwise noted.
ADS823E
ADS826E(1)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
10 Tested
10 Tested
Bits
SPECIFIED TEMPERATURE RANGE
Ambient Air
–40 to +85
–40 to +85
°C
ANALOG INPUT
Standard Single-Ended Input Range
2Vp-p
1.5
3.5
✻✻
V
Optional Single-Ended Input Range
1Vp-p
2
3
✻✻
V
Common-Mode Voltage
2.5
V
Optional Differential Input Range
2Vp-p
2
3
✻✻
V
Analog Input Bias Current
1
µA
Input Impedance
1.25 || 5
M
Ω || pF
Track-Mode Input Bandwidth
–3dBFS Input
300
MHz
CONVERSION CHARACTERISTICS
Sample Rate
10k
60M
✻✻
Samples/s
Data Latency
5
Clk Cyc
DYNAMIC CHARACTERISTICS
Differential Linearity Error (largest code error)
f = 1MHz
±0.25
±1.0
✻✻
LSB
f = 10MHz
±0.25
LSB
No Missing Codes
Tested
Tested
Integral Nonlinearity Error, f = 1MHz
±0.5
±2.0
✻✻
LSBs
Spurious-Free Dynamic Range(2)
f = 1MHz
74
73
dBFS(3)
f = 10MHz
67
74
65
73
dBFS
2-Tone Intermodulation Distortion(4)
f = 9.5MHz and 9.9MHz (–7dB each tone)
64
dBc
Signal-to-Noise Ratio (SNR)
Referred to Full-Scale Sinewave
f = 1MHz
60
59
dB
f = 10MHz
57
60
56
59
dB
Signal-to-(Noise + Distortion) (SINAD)
Referred to Full-Scale Sinewave
f = 1MHz
59
58
dB
f = 10MHz
56
59
55
58
dB
Effective Number of Bits(5), f = 1MHz
9.5
Bits
Output Noise
Input Grounded
0.2
LSBs rms
Aperture Delay Time
3
ns
Aperture Jitter
1.2
ps rms
Over Voltage Recovery Time(5)
2
ns
Full-Scale Step Acquisition Time
5
ns
NOTE:(1)Stressesbeyondthoselistedunder"absolutemaximumratings"maycause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated under
"recommended operating conditions" is not implied. Exposure to absolute-maximum-
rated conditions of extended periods may affect device reliability.
PRODUCT
EVALUATION MODULE
ADS823E
DEM-ADS823E
EVALUATION MODULE ORDERING INFORMATION


Similar Part No. - ADS826E1KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS826E TI-ADS826E Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1K TI-ADS826E/1K Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1KG4 TI-ADS826E/1KG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826EG4 TI-ADS826EG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS826E1KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com