Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS820U Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS820U
Description  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS820U Datasheet(HTML) 5 Page - Texas Instruments

  ADS820U Datasheet HTML 1Page - Texas Instruments ADS820U Datasheet HTML 2Page - Texas Instruments ADS820U Datasheet HTML 3Page - Texas Instruments ADS820U Datasheet HTML 4Page - Texas Instruments ADS820U Datasheet HTML 5Page - Texas Instruments ADS820U Datasheet HTML 6Page - Texas Instruments ADS820U Datasheet HTML 7Page - Texas Instruments ADS820U Datasheet HTML 8Page - Texas Instruments ADS820U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
ADS820
5
SBAS037B
SPECTRAL PERFORMANCE
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
0
–20
–40
–60
–80
–100
–120
f
IN = 500kHz
f
S = 10MHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
2.0
4.0
6.0
8.0
10.0
0
–20
–40
–60
–80
–100
–120
f
IN = 4.8MHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
2.0
4.0
6.0
8.0
10.0
0
–20
–40
–60
–80
–100
–120
f
IN = 9.8MHz
0
–20
–40
–60
–80
–100
–120
TWO-TONE INTERMODULATION
0.0
2.50
5.00
7.50
10.00
Frequency (MHz)
f
1 = 4.5MHz
f
2 = 4.4MHz
DIFFERENTIAL LINEARITY ERROR
Code
2.0
1.0
0
–1.0
–2.0
Code
24
224
424
624
824
1024
f
IN = 500kHz
DIFFERENTIAL LINEARITY ERROR
Code
2.0
1.0
0
–1.0
–2.0
24
224
424
624
824
1024
f
IN = 10MHz
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.


Similar Part No. - ADS820U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS820U BURR-BROWN-ADS820U Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820U TI1-ADS820U Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820UG4 TI1-ADS820UG4 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS820U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com