Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1210PG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS1210PG4
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1210PG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1210PG4 Datasheet HTML 6Page - Texas Instruments ADS1210PG4 Datasheet HTML 7Page - Texas Instruments ADS1210PG4 Datasheet HTML 8Page - Texas Instruments ADS1210PG4 Datasheet HTML 9Page - Texas Instruments ADS1210PG4 Datasheet HTML 10Page - Texas Instruments ADS1210PG4 Datasheet HTML 11Page - Texas Instruments ADS1210PG4 Datasheet HTML 12Page - Texas Instruments ADS1210PG4 Datasheet HTML 13Page - Texas Instruments ADS1210PG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
ADS1210, ADS1211
10
SBAS034B
www.ti.com
DATA
-3DB
RATE
FREQUENCY
(HZ)
(HZ)
G = 1
G = 2
G = 4
G = 8
G = 16
10
2.62
21.5
21.0
21.0
21.0
20.0
25
6.55
20.5
20.5
20.5
20.0
19.5
30
7.86
20.5
20.5
20.5
20.0
19.5
50
13.1
20.0
20.0
20.0
19.5
19.0
60
15.7
19.5
19.5
19.5
19.0
19.0
100
26.2
18.0
18.0
18.0
18.0
18.0
250
65.5
15.0
15.0
15.0
15.0
15.0
500
131
12.5
12.5
12.5
12.5
12.5
1000
262
10.0
10.5
10.0
10.0
10.0
EFFECTIVE RESOLUTION (BITS RMS)
TABLE III. Effective Resolution vs Data Rate and Gain
Setting. (Turbo Mode Rate of 1 and a 10MHz
clock.)
DEFINITION OF TERMS
An attempt has been made to be consistent with the termi-
nology used in this data sheet. In that regard, the definition
of each term is given as follows:
Analog Input Differential Voltage—For an analog signal
that is fully differential, the voltage range can be compared
to that of an instrumentation amplifier. For example, if both
analog inputs of the ADS1210 are at 2.5V, then the differ-
ential voltage is 0V. If one is at 0V and the other at 5V, then
the differential voltage magnitude is 5V. But, this is the case
regardless of which input is at 0V and which is at 5V, while
the digital output result is quite different.
The analog input differential voltage is given by the follow-
ing equation: AINP – AINN. Thus, a positive digital output is
produced whenever the analog input differential voltage is
positive, while a negative digital output is produced when-
ever the differential is negative.
For example, when the converter is configured with a 2.5V
reference and placed in a gain setting of 2, the positive full-
scale output is produced when the analog input differential
is 2.5V. The negative full-scale output is produced when the
differential is –2.5V. In each case, the actual input voltages
must remain within the AGND to AVDD range (see Table I).
Actual Analog Input Voltage—The voltage at any one
analog input relative to AGND.
Full-Scale Range (FSR)—As with most A/D converters,
the full-scale range of the ADS1210/11 is defined as the
“input” which produces the positive full-scale digital output
minus the “input” which produces the negative full-scale
digital output.
For example, when the converter is configured with a 2.5V
reference and is placed in a gain setting of 2, the full-scale
range is: [2.5V (positive full scale) minus –2.5V (negative
full scale)] = 5V.
Typical Analog Input Voltage Range—This term de-
scribes the actual voltage range of the analog inputs which
will cover the converter’s full-scale range, assuming that
each input has a common-mode voltage that is greater than
REFIN/PGA and smaller than (AVDD – REFIN/PGA).
LSB Weight
=
Full
−Scale Range
2N
For example, when the converter is configured with a 2.5V
reference and placed in a gain setting of 2, the typical input
voltage range is 1.25V to 3.75V. However, an input range of
0V to 2.5V or 2.5V to 5V would also cover the converter’s
full-scale range.
Voltage Span—This is simply the magnitude of the typical
analog input voltage range. For example, when the converter
is configured with a 2.5V reference and placed in a gain
setting of 2, the input voltage span is 2.5V.
Least Significant Bit (LSB) Weight—This is the theoreti-
cal amount of voltage that the differential voltage at the
analog input would have to change in order to observe a
change in the output data of one least significant bit. It is
computed as follows:
where N is the number of bits in the digital output.
Effective Resolution—The effective resolution of the
ADS1210/11 in a particular configuration can be expressed
in two different units: bits rms (referenced to output) and
microvolts rms (referenced to input). Computed directly
from the converter’s output data, each is a statistical calcu-
lation based on a given number of results. Knowing one, the
other can be computed as follows:
The 10V figure in each calculation represents the full-scale
range of the ADS1210/11 in a gain setting of 1. This means
that both units are absolute expressions of resolution—the
performance in different configurations can be directly com-
pared regardless of the units. Comparing the resolution of
different gain settings expressed in bits rms requires ac-
counting for the PGA setting.
Main Controller—A generic term for the external
microcontroller, microprocessor, or digital signal processor
which is controlling the operation of the ADS1210/11 and
receiving the output data.
ER in bits rms
=
20 • log
10V
PGA
ER in Vrms
−1.76
6.02
ER in Vrms
=
10
10V
PGA
6.02 • ER in bits rms +1.76
20


Similar Part No. - ADS1210PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210P BURR-BROWN-ADS1210P Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1210PG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com