Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1212PG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS1212PG4
Description  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1212PG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1212PG4 Datasheet HTML 1Page - Texas Instruments ADS1212PG4 Datasheet HTML 2Page - Texas Instruments ADS1212PG4 Datasheet HTML 3Page - Texas Instruments ADS1212PG4 Datasheet HTML 4Page - Texas Instruments ADS1212PG4 Datasheet HTML 5Page - Texas Instruments ADS1212PG4 Datasheet HTML 6Page - Texas Instruments ADS1212PG4 Datasheet HTML 7Page - Texas Instruments ADS1212PG4 Datasheet HTML 8Page - Texas Instruments ADS1212PG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
ADS1212, 1213
2
SBAS064A
All specifications TMIN to TMAX, AVDD = DVDD = +5V, fXIN = 1MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of 1, REFOUT disabled, VBIAS disabled,
and external 2.5V reference, unless otherwise specified.
SPECIFICATIONS
ADS1212U, P/ADS1213U, P, E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Input Voltage Range(1)
0+5
V
With VBIAS(2)
–10
+10
V
Input Impedance
G = Gain, TMR = Turbo Mode Rate
20/(G • TMR)(3)
M
Programmable Gain Amplifier
User Programmable: 1, 2, 4, 8, or 16
1
16
Input Capacitance
5pF
Input Leakage Current
At +25
°C5
50
pA
TMIN to TMAX
1nA
SYSTEMS PERFORMANCE
No Missing Codes
fDATA = 10Hz
22
Bits
fDATA = 60Hz
19
Bits
fDATA = 100Hz, TMR of 4
21
Bits
fDATA = 250Hz, TMR of 8
20
Bits
fDATA = 500Hz, TMR of 16
20
Bits
fDATA = 1000Hz, TMR of 16
18
Bits
Integral Linearity
fDATA = 60Hz
±0.0015
%FSR
fDATA = 1000Hz, TMR of 16
±0.0015
%FSR
Integral Linearity (Single-Ended)
0.01
%FSR
Unipolar Offset Error(4)
See Note 5
Unipolar Offset Drift(6)
1
ppm/
°C
Gain Error(4)
See Note 5
Gain Error Drift(6)
4
ppm/
°C
Common-Mode Rejection(9)
At DC, TMIN to TMAX
90
100
dB
50Hz, fDATA = 50Hz(7)
160
dB
60Hz, fDATA = 60Hz(7)
160
dB
Normal-Mode Rejection
50Hz, fDATA = 50Hz(7)
100
dB
60Hz, fDATA = 60Hz(7)
100
dB
Output Noise
See Typical Performance Curves
Power Supply Rejection
DC, 50Hz, and 60Hz
60
dB
VOLTAGE REFERENCE
Internal Reference (REFOUT)
2.4
2.5
2.6
V
Drift
25
ppm/
°C
Noise
50
µVp-p
Load Current
Source or Sink
1
mA
Output Impedance
2
External Reference (REFIN)
2.0
3.0
V
Load Current
2.5
µA
VBIAS Output
Using Internal Reference
3.15
3.3
3.45
V
Drift
50
ppm/
°C
Load Current
Source or Sink
10mA
DIGITAL INPUT/OUTPUT
Logic Family
TTL Compatible CMOS
Logic Level: (all except XIN)
VIH
IIH = +5µA
2.0
DVDD +0.3
V
VIL
IIL = +5µA
–0.3
0.8
V
VOH
IOH = 2 TTL Loads
2.4
V
VOL
IOL = 2 TTL Loads
0.4
V
XIN Input Levels: VIH
3.5
DVDD +0.3
V
VIL
–0.3
0.8
V
XIN Frequency Range (fXIN)
0.5
2.5
MHz
Output Data Rate (fDATA)
User Programmable and TMR = 1 to 16
0.96
6,250
Hz
fXIN = 500kHz
0.48
3,125
Hz
fXIN = 2.5MHz
2.4
15,625
Hz
Data Format
User Programmable
Two’s Complement
or Offset Binary
SYSTEM CALIBRATION
Offset and Full-Scale Limits
VFS = Full-Scale Differential Voltage(8)
0.7 • (2 • REFIN)/G
VFS – | VOS |VOS = Offset Differential Voltage(8)
1.3 • (2 • REFIN)/G


Similar Part No. - ADS1212PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1212PG4 BURR-BROWN-ADS1212PG4 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1212PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1212 BURR-BROWN-ADS1212 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com