Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1217 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS1217
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1217_14 Datasheet HTML 1Page - Texas Instruments ADS1217_14 Datasheet HTML 2Page - Texas Instruments ADS1217_14 Datasheet HTML 3Page - Texas Instruments ADS1217_14 Datasheet HTML 4Page - Texas Instruments ADS1217_14 Datasheet HTML 5Page - Texas Instruments ADS1217_14 Datasheet HTML 6Page - Texas Instruments ADS1217_14 Datasheet HTML 7Page - Texas Instruments ADS1217_14 Datasheet HTML 8Page - Texas Instruments ADS1217_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ADS1217
SBAS260C
5
www.ti.com
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD
2.7
3.3
V
Analog Current (IADC + IVREF + IIDAC)
PDWN = 0, or SLEEP
1
nA
A/D Converter Current (IADC)
PGA = 1, Buffer OFF
160
250
µA
PGA = 128, Buffer OFF
450
700
µA
PGA = 1, Buffer ON
230
325
µA
PGA = 128, Buffer ON
850
1325
µA
VREF Current (IVREF)
250
375
µA
IIDAC Current (IIDAC)
Excludes Load Current
480
675
µA
Digital Current
Normal Mode, DVDD = 3V
90
200
µA
SLEEP Mode, DVDD = 3V
75
µA
Read Data Continuous Mode, DVDD = 3V
113
µA
PDWN = 0
1
nA
Power Dissipation
PGA = 1, Buffer OFF, REFEN = 0,
0.8
1.4
mW
IDACs OFF, DVDD = 3V
NOTES: (1) FSR is Full-Scale Range. (2)
∆V
OUT is change in digital result. (3) 12pF switched capacitor at fSAMP clock frequency.
ADS1217
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS: AVDD = 3V (Cont.)
All specifications at –40
°C to +85°C, AV
DD = +3V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 75kΩ, fDATA = 10Hz, and VREF = +1.25V,
unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT/OUTPUT
Logic Level
VIH
0.8
× DV
DD
DVDD
V
VIL(1)
DGND
0.2
× DV
DD
V
VOH
IOH = 1mA
DVDD – 0.4
V
VOL
IOL = 1mA
DGND
DGND + 0.4
V
Input Leakage: IIN
0 < VI < DVDD
–10
10
µA
CLOCK RATES
Master Clock Rate: fOSC
1
8
MHz
Master Clock Period: tOSC
1/fOSC
125
1000
ns
NOTE: (1) Maximum VIL for XIN is DGND + 0.05V.
ELECTRICAL CHARACTERISTICS: Digital
All specifications at –40
°C to +85°C, and DV
DD = +2.7V to 5.25V.


Similar Part No. - ADS1217_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1217IPFBR BURR-BROWN-ADS1217IPFBR Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBR TI1-ADS1217IPFBR Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217IPFBT BURR-BROWN-ADS1217IPFBT Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBT TI1-ADS1217IPFBT Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1217_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com