Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7813U Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7813U
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7813U Datasheet(HTML) 2 Page - Texas Instruments

  ADS7813U Datasheet HTML 1Page - Texas Instruments ADS7813U Datasheet HTML 2Page - Texas Instruments ADS7813U Datasheet HTML 3Page - Texas Instruments ADS7813U Datasheet HTML 4Page - Texas Instruments ADS7813U Datasheet HTML 5Page - Texas Instruments ADS7813U Datasheet HTML 6Page - Texas Instruments ADS7813U Datasheet HTML 7Page - Texas Instruments ADS7813U Datasheet HTML 8Page - Texas Instruments ADS7813U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS7813
2
SBAS043C
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fS = 40kHz, VS = +5V ±5%, using internal reference, unless otherwise specified.
ADS7813P, U
ADS7813PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ABSOLUTE MAXIMUM RATINGS(1)
Analog Inputs: R1IN ......................................................................... ±16.5V
R2IN ................................................ GND – 0.3V to +16.5V
R3IN ......................................................................... ±16.5V
REF ............................................ GND – 0.3V to VS + 0.3V
CAP ............................................... Indefinite Short to GND
Momentary Short to VS
VS ........................................................................................................... 7V
Digital Inputs ...................................................... GND – 0.3V to VS + 0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
See Table I
Impedance
See Table I
Capacitance
35
pF
THROUGHPUT SPEED
Conversion Time
20
µs
Complete Cycle
Acquire and Convert
25
µs
Throughput Rate
40
kHz
DC ACCURACY
Integral Linearity Error
±3
±2
LSB(1)
Differential Linearity Error
+3, –2
+2, –1
LSB
No Missing Codes
15
16
Bits
Transition Noise(2)
0.6
LSB
Full Scale Error(3)
±0.5
±0.25
%
Full Scale Error Drift
±14
ppm/
°C
Full Scale Error(3)
Ext. 2.5000V Ref
±0.5
±0.25
%
Full Scale Error Drift
Ext. 2.5000V Ref
±5
ppm/
°C
Bipolar Zero Error
Bipolar Ranges
±10
mV
Bipolar Zero Error Drift
Bipolar Ranges
±3
ppm/
°C
Unipolar Zero Error
Unipolar Ranges
±6
mV
Unipolar Zero Error Drift
Unipolar Ranges
±3
ppm/
°C
Recovery Time to Rated Accuracy
1.0
µF Capacitor to CAP
300
µs
from Power Down(4)
Power Supply Sensitivity
+4.75V < (VS = +5V) < +5.25
±12
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 1kHz
90
100
96
102
dB(5)
Total Harmonic Distortion
fIN = 1kHz
–98
–90
–100
–96
dB
Signal-to-(Noise+Distortion)
fIN = 1kHz
85
89
87
dB
Signal-to-Noise
fIN = 1kHz
85
89
87
dB
Useable Bandwidth(6)
130
kHz
Full Power –3dB Bandwidth
600
kHz
MINIMUM
MAXIMUM
SPECIFIED
SIGNAL-TO-
INTEGRAL
NO MISSING
(NOISE +
SPECIFIED
LINEARITY
CODE LEVEL DISTORTION)
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
(LSB)
RATIO (DB)
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7813P
±3
15
85
Dip-16
N
–40
°C to +85°C ADS7813P
ADS7813P
Tubes, 25
ADS7813PB
±216
87
""
"
ADS7813PB
ADS7813PB
Tubes, 25
ADS7813U
±3
15
85
SO-16
DW
–40
°C to +85°C ADS7813U
ADS7813U
Tubes, 48
"
"
"
"
"
"
"
"
ADS7813U/1K
Tape and Reel, 1000
ADS7813UB
±2
16
87
SO-16
DW
–40
°C to +85°C ADS7813UB
ADS7813UB
Tubes, 48
"
"
"
"
"
"
"
"
ADS7813UB/1K
Tape and Reel, 1000
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at
www.ti.com.


Similar Part No. - ADS7813U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7813U BURR-BROWN-ADS7813U Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813U TI1-ADS7813U Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813U/1K TI1-ADS7813U/1K Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813UB BURR-BROWN-ADS7813UB Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813UB TI1-ADS7813UB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7813U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com