Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V18MLA0805LN Datasheet(PDF) 2 Page - Littelfuse

Part # V18MLA0805LN
Description  Surface Mount Multilayer Varistors (MLVs) MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18MLA0805LN Datasheet(HTML) 2 Page - Littelfuse

  V18MLA0805LN Datasheet HTML 1Page - Littelfuse V18MLA0805LN Datasheet HTML 2Page - Littelfuse V18MLA0805LN Datasheet HTML 3Page - Littelfuse V18MLA0805LN Datasheet HTML 4Page - Littelfuse V18MLA0805LN Datasheet HTML 5Page - Littelfuse V18MLA0805LN Datasheet HTML 6Page - Littelfuse V18MLA0805LN Datasheet HTML 7Page - Littelfuse V18MLA0805LN Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 30, 2011
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Device Ratings and Specifications
Part Number
Maximum Ratings (125º C)
Specifications (25ºC)
Maximum
Continuous
Working Voltage
Maximum Non-
repetitive Surge
Current (8/20
μs)
Maximum Non-
repetitive Surge
Energy (10/1000
μs)
Maximum Clamping
Voltage at 1A (or as
Noted) (8/20
μs)
Nominal Voltage
at 1mA DCTest
Current
Typical
Capacitance
at f = 1MHz
V
M(DC)
V
M(AC)
I
TM
W
TM
V
C
V
N(DC)
Min
V
N(DC)
Max
C
(V)
(V)
(A)
(J)
(V)
(V)
(V)
(pF)
5
2.5
0.100
2.5
120
2.5
40
0.100
2.5
100
6000
V5.5MLA0402N
5.5
4.0
20
0.050
21.0
10.8
220
V5.5MLA0402LN
5.5
4.0
20
0.050
21.5
5
5.5
4.0
0.100
500
4
5.5
4.0
0.100
450
V5.5MLA0805N
5.5
4.0
120
1840
V5.5MLA0805LN
5.5
4.0
40
0.100
400
V5.5MLA1206N
5.5
4.0
150
0.400
6.5
20
0.050
11.0
16.0
120
6.5
4
0.020
11.0
16.0
5
6.5
0.100
25.5
11.0
16.0
4
6.5
0.100
25.5
11.0
16.0
6.5
40
0.100
25.5
11.0
16.0
520
V12MLA0805LN
12.0
40
0.100
14.0
18.5
410
V14MLA0402N
14.0
10.0
20
0.050
21.5
14.0
10.0
0.100
21.5
180
V14MLA0805N
14.0
10.0
120
560
V14MLA0805LN
14.0
10.0
40
0.100
V14MLA1206N
14.0
10.0
150
0.400
1400
V18MLA0402N
18.0
14.0
20
0.050
50.0
22.0
28.0
40
18.0
14.0
0.100
50.0
22.0
28.0
120
V18MLA0805N
18.0
14.0
120
44.0
22.0
28.0
520
V18MLA0805LN
18.0
14.0
40
0.100
44.0
22.0
28.0
V18MLA1206N
18.0
14.0
150
0.400
44.0
22.0
28.0
V18MLA1210N
18.0
14.0
500
2.500
44.0 at 2.5
22.0
28.0
1440
26.0
20.0
0.100
60.0
110
V26MLA0805N
26.0
20.0
100
60.0
220
V26MLA0805LN
26.0
20.0
40
0.100
60.0
140
V26MLA1206N
26.0
20.0
150
0.600
60.0
600
V26MLA1210N
26.0
20.0
1.200
60.0 at 2.5
1040
25.0
0.100
46.0
25.0
0.100
46.0
25.0
280
1.200
68.0 at 2.5
1820
25.0
220
68.0 at 2.5
26.0
180
0.800
500
V42MLA1206N
42.0
180
0.800
46.0
60.0
425
V48MLA1206N
48.0
40.0
180
100
54.5
66.5
V48MLA1210N
48.0
40.0
250
1.200
105.0 at 2.5
54.5
66.5
520
V48MLA1210LN
48.0
40.0
220
105.0 at 2.5
54.5
66.5
500
V56MLA1206N
56.0
40.0
180
1.000
120.0
61.0
180
V60MLA1210N
60.0
50.0
250
1.500
440
V68MLA1206N
68.0
50.0
180
1.000
140.0
100
V85MLA1210N
85.0
250
2.500
180.0 at 2.5
115.0
260
V120MLA1210N
120.0
125
2.000
260.0 at 2.5
165.0
80
1 'L' suffix is a low capacitance and energy version; Contact your Littelfuse sales representative for custom capacitance requirements
2 Typical leakage at 25ºC<25
μA, maximum leakage 100μA at V
M(DC); for 0402 size, typical leakage <5μA, maximum leakage <20μA at VM(DC)


Similar Part No. - V18MLA0805LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18MLA0805LN LITTELFUSE-V18MLA0805LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V18MLA0805LN LITTELFUSE-V18MLA0805LN Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA0805LN LITTELFUSE-V18MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA0805LN LITTELFUSE-V18MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V18MLA0805LN LITTELFUSE-V18MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V18MLA0805LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA0805NH LITTELFUSE-V26MLA0805NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206NH LITTELFUSE-V26MLA1206NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA0805LNH LITTELFUSE-V30MLA0805LNH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V85MLA1210H LITTELFUSE-V85MLA1210H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V60MLA1210NH LITTELFUSE-V60MLA1210NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805H LITTELFUSE-V26MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LNH LITTELFUSE-V26MLA0805LNH Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0603A LITTELFUSE-V26MLA0603A Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V48MLA1210NH LITTELFUSE-V48MLA1210NH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V30MLA0805LH LITTELFUSE-V30MLA0805LH Datasheet
380Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V120MLA1210H LITTELFUSE-V120MLA1210H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com