Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC1510 Datasheet(PDF) 4 Page - General Semiconductor

Part # GBPC1510
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GBPC1510 Datasheet(HTML) 4 Page - General Semiconductor

  GBPC1510 Datasheet HTML 1Page - General Semiconductor GBPC1510 Datasheet HTML 2Page - General Semiconductor GBPC1510 Datasheet HTML 3Page - General Semiconductor GBPC1510 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.135 (28.8)
1.115 (28.3)
0.672 (17.1)
0.632 (16.1)
0.732 (18.6)
0.692 (17.6)
0.094 (2.4)
DIA.
0.034 (0.86)
0.030 (0.76)
0.25
(6.35)
AC
0.840 (21.3)
0.740 (18.8)
0.582 (14.8)
0.542 (13.8)
0.672 (17.1)
0.632 (16.1)
1.135 (28.8)
1.115 (28.3)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
0.310 (7.62)
0.290 (7.36)
1.135 (28.8)
1.115 (28.3)
0.732 (18.6)
0.692 (17.6)
0.470 (11.9)
0.430 (10.9)
0.042 (1.07)
0.038 (0.97)
DIA.
0.310 (7.62)
0.290 (7.36)
1.25
(31.8)
MIN.
1.135 (28.8)
1.115 (28.3)
0.732 (18.6)
0.692 (17.6)
Hole for
#10 Screw
0.220 (5.59)
0.200 (5.08)
DIA.
0.24 (6.0)
0.18 (4.6)
0.50 (12.7)
0.44 (11.7)
0.24 (6.0)
0.18 (4.6)
GBPC
FIG. 9
Dimensions in inches and (millimeters)
NOTES:
(1) Corrosion resistant terminals designed with 0.25” female quick connectors for wrap or snap-on
(2) A thin film of silicone thermal compound is recommended between the bridge case and mounting surface for improved thermal conduction
GBPC-W
FIG. 10


Similar Part No. - GBPC1510

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC1510 SURGE-GBPC1510 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
First Components Intern...
GBPC1510 FCI-GBPC1510 Datasheet
275Kb / 4P
   15Amps Glass Passivatied Single Phase Silicon Bridge
logo
EIC discrete Semiconduc...
GBPC1510 EIC-GBPC1510 Datasheet
112Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
Rev. 00 : June 24, 2009
logo
Shanghai Sunrise Electr...
GBPC1510 SSE-GBPC1510 Datasheet
25Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
List of Unclassifed Man...
GBPC1510 ETC2-GBPC1510 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - GBPC1510

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com