Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7852YB2KG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7852YB2KG4
Description  12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7852YB2KG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7852YB2KG4 Datasheet HTML 1Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 2Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 3Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 4Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 5Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 6Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 7Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 8Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADS7852
SBAS111C
4
Top View
TQFP
PIN
NAME
DESCRIPTION
1
AIN0
Analog Input Channel 0
2
AIN1
Analog Input Channel 1
3
AIN2
Analog Input Channel 2
4
AIN3
Analog Input Channel 3
5
AIN4
Analog Input Channel 4
6
AIN5
Analog Input Channel 5
7
AIN6
Analog Input Channel 6
8
AIN7
Analog Input Channel 7
9
AGND
Analog Ground, GND = 0V
10
VREF
Voltage Reference Input and Output. See
Electrical Characteristics table for ranges.
Decouple to ground with a 0.1
µF ceramic
capacitor and a 2.2
µF tantalum capacitor.
11
DGND
Digital Ground, GND = 0V
12
A2
Channel Address. See Channel Selection
Table for details.
13
A1
Channel Address. See Channel Selection
Table for details.
14
A0
Channel Address. See Channel Selection
Table for details.
15
DB11
Data Bit 11 (MSB)
16
DB10
Data Bit 10
17
DB9
Data Bit 9
18
DB8
Data Bit 8
19
DB7
Data Bit 7
20
DB6
Data Bit 6
21
DB5
Data Bit 5
22
DB4
Data Bit 4
23
DB3
Data Bit 3
24
DB2
Data Bit 2
25
DB1
Data Bit 1
26
DB0
Data Bit 0 (LSB)
27
WR
Write Input. Active LOW. Use to start a
new conversion and to select an analog
channel via address inputs A0, A1 and A2
in combination with CS.
28
BUSY
BUSY output goes LOW and stays LOW
during a conversion. BUSY rises when a
conversion is complete.
29
CLK
External Clock Input. The clock speed
determines the conversion rate by the
equation: fCLK = 16 • fSAMPLE.
30
RD
Read Input. Active LOW. Use to read the
data outputs in combination with CS. Also
use (in conjunction with A0 or A1) to place
device in power-down mode.
31
CS
Chip Select Input. Active LOW. The
combination of CS taken LOW and WR
taken LOW initiates a new conversion and
places the outputs in tri-state mode.
32
VSS
Voltage Supply Input. Nominally +5V.
Decouple to ground with a 0.1
µF ceramic
capacitor and a 10
µF tantalum capacitor.
PIN DESCRIPTIONS
PIN CONFIGURATION
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
ADS7852Y


Similar Part No. - ADS7852YB2KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7852YB BURR-BROWN-ADS7852YB Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852YB/250 TI1-ADS7852YB/250 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852YB/250G4 TI1-ADS7852YB/250G4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852YB/2K TI1-ADS7852YB/2K Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7852YB2KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com