Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA120-155-45-31 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA120-155-45-31
Description  12 ??15.5 GHz 1W Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA120-155-45-31 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA120-155-45-31 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA120-155-45-31
REV1_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
12 – 15.5 GHz 1W Amplifier
FEATURES
• P
-1
dB: 31 dBm
• Noise Figure: 4 dB
• IP3: 40 dBm
• Bias Condition: 1800 mA @ 12 V
• Small Signal Gain: 45 dB
DESCRIPTION
The TA120-155-45-31 is a 1 W power amplifier designed for high linearity application in the 12 to 15.5 GHz
frequency range. This amplifier utilizes high power devices that provide excellent linearity, high gain and wide
dynamic range. High efficiency operation is achieved by using hybrid MIC designs and advanced GaAs PHEMT
devices. The amplifier requires only a +12V DC power supply.
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
12
15.5
GHz
SSG
Small Signal Gain
45*
dB
GOF
Small Signal Gain Flatness
± 0.5
± 0.75
dB
P-1 dB
Output Power at 1 dB Gain Compression
30.5
31
dBm
IP3
Third Order Intercept Point
39.5
40
dBm
NF
Noise Figure
3.5
4
dB
VSWR, IN
Input VSWR
1.5:1
1.8:1
-
VSWR, OUT Output VSWR
1.5:1
1.8:1
-
VDC
DC Supply Voltage (with built-in regulator)
12
Volt
IDC
Current Supply
1.8
2.0
A
OTR
Operating Temperature Range
-30
60
°C
* Actual gain and current depend on configuration.
CASE: HA1
Note: The previous product part number of TA120-155-45-31 is TC6541K.


Similar Part No. - TA120-155-45-31

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
TA1200 YHDC-TA1200 Datasheet
1Mb / 1P
   Through core type precision current transformer
logo
Okaya Electric America,...
TA120033 OKAYA-TA120033 Datasheet
80Kb / 1P
   SPARK QUENCHER
logo
Transko Electronics, In...
TA12004AD TRANSKO-TA12004AD Datasheet
567Kb / 4P
   120.0 MHz IF SAW Filter / 4.2 MHz Bandwidth
Revision 0: 27. Jun. 2009
TA12009AD1 TRANSKO-TA12009AD1 Datasheet
544Kb / 4P
   120.0 MHz IF SAW Filter / 9.70 MHz Bandwidth
Revision 0: 18. Nov. 2008
TA12009BV TRANSKO-TA12009BV Datasheet
636Kb / 4P
   120.0 MHz IF SAW Filter / 9.35 MHz Bandwidth
Revision 0: 01. Apr. 2011
More results

Similar Description - TA120-155-45-31

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP213 EXCELICS-EMP213 Datasheet
206Kb / 4P
   12.5 - 15.5 GHz Power Amplifier MMIC
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
   12.5 - 15.5 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TM120-155-07-29 TRANSCOM-TM120-155-07-29 Datasheet
25Kb / 1P
   12 - 15.5 GHz 29 dBm Power Module
TM120-155-06-32 TRANSCOM-TM120-155-06-32 Datasheet
25Kb / 1P
   12 - 15.5 GHz 32 dBm Power Module
logo
Tyco Electronics
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
   Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
logo
Filtronic Compound Semi...
FMA3051 FILTRONIC-FMA3051 Datasheet
147Kb / 6P
   12.5-15.5 GHZ MMIC HIGH POWER AMPLIFIER
logo
Transcom, Inc.
TA085-110-30-29 TRANSCOM-TA085-110-30-29 Datasheet
32Kb / 1P
   8.5 - 11 GHz 1W Amplifier
TA031-035-30-30 TRANSCOM-TA031-035-30-30 Datasheet
17Kb / 1P
   3.1 - 3.5 GHz 1W Amplifier
logo
Tyco Electronics
MAAPGM0046-DIE MACOM-MAAPGM0046-DIE Datasheet
295Kb / 6P
   400mW Ku-Band Power Amplifier (15.5-18.0 GHz)
MAAPGM0018-DIE MACOM-MAAPGM0018-DIE Datasheet
330Kb / 6P
   2W Ku-Band Power Amplifier 12.0-15.5 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com