Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA020-060-24-23 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA020-060-24-23
Description  2 ~ 6GHz 24dB Gain 23dBm Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-060-24-23 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA020-060-24-23 Datasheet HTML 1Page - Transcom, Inc. TA020-060-24-23 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA020-060-24-23
REV0_2009/08/28
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1/2
2 ~ 6GHz 24dB Gain 23dBm Power Amplifier
FEATURES
P1dB: 23dBm, min.
Small Signal Gain: 24dB, min.
Bias Condition: 250mA @ 12 V
ELECTRICAL SPECIFICATIONS (Specified at 25C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
2
6
GHz
SSG
Small Signal Gain
24
26
dB
GOF
Small Signal Gain Flatness
±
±±
±0.6
±
±±
±0.8
dB
NF
Noise Figure
4.5
dB
P1dB
Output Power at 1 dB Gain Compression
23
dBm
IP3
The Third Intercept Point
33
dBm
VSWR, IN
Input VSWR
2 : 1
------
VSWR, OUT
Output VSWR
2 : 1
------
Vdc
DC Supply Voltage(with built-in regulator)
11
12
15
Volt
Idc
Current Supply
250
mA
OTR
Operating Temperature Range
-30
70
°C
Housing: HG3, with SMA female removable connectors, unit is inch


Similar Part No. - TA020-060-24-23

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-060-24-21 TRANSCOM-TA020-060-24-21 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 21dBm Power Amplifier
More results

Similar Description - TA020-060-24-23

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-060-24-21 TRANSCOM-TA020-060-24-21 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 21dBm Power Amplifier
TA020-060-12-23 TRANSCOM-TA020-060-12-23 Datasheet
63Kb / 2P
   2 ~ 6 GHz 12dB Gain 23dBm Power Amplifier
TA020-060-22-13 TRANSCOM-TA020-060-22-13 Datasheet
63Kb / 2P
   2 ~ 6GHz 22dB Gain 13dBm Power Amplifier
TA020-060-35-13 TRANSCOM-TA020-060-35-13 Datasheet
63Kb / 2P
   2 ~ 6GHz 35dB Gain 13dBm Power Amplifier
TA020-060-30-27 TRANSCOM-TA020-060-30-27 Datasheet
63Kb / 2P
   2 ~ 6GHz 30dB Gain 27dBm Power Amplifier
logo
TriQuint Semiconductor
TGA2578 TRIQUINT-TGA2578 Datasheet
576Kb / 13P
   2-6GHz 30W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789 Datasheet
691Kb / 14P
   2 - 6GHz High Linearity Gain Block
MGA-30989 AVAGO-MGA-30989 Datasheet
669Kb / 13P
   2 - 6GHz, High Linearity Gain Block
MGA-30989 AVAGO-MGA-30989_15 Datasheet
680Kb / 13P
   2 - 6GHz, High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30989 BOARDCOM-MGA-30989 Datasheet
680Kb / 13P
   2 - 6GHz, High Linearity Gain Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com