Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI856 Datasheet(PDF) 2 Page - General Semiconductor

Part # GI856
Description  FAST SWITCHING PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI856 Datasheet(HTML) 2 Page - General Semiconductor

  GI856 Datasheet HTML 1Page - General Semiconductor GI856 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
110
100
100
200
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
30
70
90
110
130
150
170
2.0
6.0
8.0
110
100
10
100
4.0
0
10
50
0
20
40
60
80
100
0.01
1
10
0.1
RATINGS AND CHARACTERISTIC CURVES GI850 THRU GI858
FIG.1 - FORWARD CURRENT DERATING CURVE
TEMPERATURE, °C
RESISTIVE OR
INDUCTIVE LOAD
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 HZ
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
FIG. 2 - MAXIMUM PEAK FORWARD SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
NON-REPETITIVE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=50°C
0.8 x 0.8 x 0.40”
(20 x 20 x 1mm) COPPER HEATSINKS
TJ=100°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TL=LEAD TEMPERATURE
TA=AMBIENT TEMPERATURE
REPETITIVE
TJ=25°C
TJ=150°C
TJ=25°C
TJ=150°C
TJ=25°C
L=
LEAD LENGTH
L=0.375” (9.5mm)
LEAD LENGTH
0.375” (9.5mm)
LEAD LENGTH
L=0.25” (6.3 mm)


Similar Part No. - GI856

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI856 VISHAY-GI856 Datasheet
70Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 10-Nov-09
GI856 VISHAY-GI856 Datasheet
80Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
GI856-E3-54 VISHAY-GI856-E3-54 Datasheet
70Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 10-Nov-09
GI856-E3-73 VISHAY-GI856-E3-73 Datasheet
70Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 10-Nov-09
More results

Similar Description - GI856

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com