Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SK177 Datasheet(PDF) 3 Page - NEC

Part # 3SK177
Description  RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIELD-EFFECT TRANSISTOR 4 PIN MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

3SK177 Datasheet(HTML) 3 Page - NEC

  3SK177 Datasheet HTML 1Page - NEC 3SK177 Datasheet HTML 2Page - NEC 3SK177 Datasheet HTML 3Page - NEC 3SK177 Datasheet HTML 4Page - NEC 3SK177 Datasheet HTML 5Page - NEC 3SK177 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3SK177
3
POWER GAIN AND NOISE FIGURE vs.
DRAIN CURRENT
VDS = 5 V
VG2S = 1 V
f = 900 MHz
10
ID – Drain Current – mA
25
20
5
0
15
10
5
NF
10
5
0
GPS
POWER GAIN AND NOISE FIGURE vs.
DRAIN TO SOURCE VOLTAGE
10
VDS – Drain to Source Voltage – V
20
0
10
5
NF
10
5
0
VG2S = 1 V
VG2S = 0.5 V
VG2S = 2 V
ID = 10 mA
f = 900 MHz
GPS
S-PARAMETER (VDS = 5 V, VG2S = 1 V, ID = 10 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.0000
0.999
–3.3
2.359
177.2
0.006
–122.3
0.969
–1.3
200.0000
1.000
–7.2
2.389
169.3
0.004
123.0
0.981
–2.9
300.0000
0.998
–9.3
2.313
164.4
0.000
–145.0
0.979
–3.3
400.0000
0.974
–13.4
2.233
160.0
0.004
79.2
0.967
–5.6
500.0000
1.005
–15.7
2.420
l58.4
0.007
29.7
0.999
–5.8
600.0000
0.942
–19.1
2.300
150.0
0.003
65.0
0.958
–7.7
700.0000
0.968
–22.2
2.332
145.5
0.004
45.5
0.997
–8.5
800.0000
0.920
–25.2
2.229
141.5
0.008
80.1
0.957
–9.4
900.0000
0.952
–28.9
2.447
136.8
0.004
8.3
0.999
–12.5
1000.0000
0.898
–29.4
2.303
131.1
0.001
50.9
0.968
–11.1
1100.0000
0.915
–35.1
2.348
125.8
0.004
71.4
0.984
–14.8
1200.0000
0.879
–35.2
2.367
123.5
0.000
91.1
0.989
–13.0


Similar Part No. - 3SK177

ManufacturerPart #DatasheetDescription
logo
NEC
3SK176A NEC-3SK176A Datasheet
57Kb / 6P
   RF AMP. AND MIXER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
More results

Similar Description - 3SK177

ManufacturerPart #DatasheetDescription
logo
NEC
3SK206 NEC-3SK206 Datasheet
56Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL GATE MES FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK299 NEC-3SK299 Datasheet
53Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIFLD-EFFECT TRANSISTOR 4 PIN SMALL MINI MOLD
3SK134B NEC-3SK134B Datasheet
48Kb / 5P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK135A NEC-3SK135A Datasheet
52Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
   RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK253 NEC-3SK253 Datasheet
52Kb / 6P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK255 NEC-3SK255 Datasheet
54Kb / 8P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
3SK222 NEC-3SK222 Datasheet
58Kb / 6P
   RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
logo
Toshiba Semiconductor
3SK284 TOSHIBA-3SK284 Datasheet
264Kb / 5P
   N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK240 TOSHIBA-3SK240 Datasheet
230Kb / 5P
   N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com