Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8515IBDBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8515IBDBR
Description  16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8515IBDBR Datasheet(HTML) 5 Page - Texas Instruments

  ADS8515IBDBR Datasheet HTML 1Page - Texas Instruments ADS8515IBDBR Datasheet HTML 2Page - Texas Instruments ADS8515IBDBR Datasheet HTML 3Page - Texas Instruments ADS8515IBDBR Datasheet HTML 4Page - Texas Instruments ADS8515IBDBR Datasheet HTML 5Page - Texas Instruments ADS8515IBDBR Datasheet HTML 6Page - Texas Instruments ADS8515IBDBR Datasheet HTML 7Page - Texas Instruments ADS8515IBDBR Datasheet HTML 8Page - Texas Instruments ADS8515IBDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ADS8515
www.ti.com
SLAS460D – JUNE 2007 – REVISED SEPTEMBER 2010
PIN DESCRIPTIONS
PIN
DIGITAL
NAME
NO.
I/O
DESCRIPTION
AGND1
2
Analog ground. Used internally as ground reference point.
AGND2
5
Analog ground.
At the start of a conversion, BUSY goes low and stays low until the conversion is
BUSY
26
O
completed and the digital outputs have been updated.
BYTE
23
I
Selects 8 most significant bits (low) or 8 least significant bits (high).
CAP
4
Reference buffer capacitor. 2.2-mF tantalum capacitor to ground.
CS
25
I
Internally ORed with R/C. If R/C low, a falling edge on CS initiates a new conversion.
DGND
14
Digital ground.
Data bit 15. Most significant bit (MSB) of conversion results. Hi-Z state when CS is high, or
D15 (MSB)
6
O
when R/C is low.
D14
7
O
Data bit 14. Hi-Z state when CS is high, or when R/C is low.
D13
8
O
Data bit 13. Hi-Z state when CS is high, or when R/C is low.
D12
9
O
Data bit 12. Hi-Z state when CS is high, or when R/C is low.
D11
10
O
Data bit 11. Hi-Z state when CS is high, or when R/C is low.
D10
11
O
Data bit 10. Hi-Z state when CS is high, or when R/C is low.
D9
12
O
Data bit 9. Hi-Z state when CS is high, or when R/C is low.
D8
13
O
Data bit 8. Hi-Z state when CS is high, or when R/C is low.
D7
15
O
Data bit 7. Hi-Z state when CS is high, or when R/C is low.
D6
16
O
Data bit 6. Hi-Z state when CS is high, or when R/C is low.
D5
17
O
Data bit 5. Hi-Z state when CS is high, or when R/C is low.
D4
18
O
Data bit 4. Hi-Z state when CS is high, or when R/C is low.
D3
19
O
Data bit 3. Hi-Z state when CS is high, or when R/C is low.
D2
20
O
Data bit 2. Hi-Z state when CS is high, or when R/C is low.
D1
21
O
Data bit 1. Hi-Z state when CS is high, or when R/C is low.
Data bit 0. Least significant bit (LSB) of conversion results. Hi-Z state when CS is high, or
D0 (LSB)
22
O
when R/C is low.
With CS low and BUSY high, a falling edge on R/C initiates a new conversion. With CS
R/C
24
I
low, a rising edge on R/C enables the parallel output.
REF
3
Reference input/output. 2.2-mF tantalum capacitor to ground.
Analog supply input. Nominally +5 V. Decouple to ground with 0.1-mF ceramic and 10-mF
VANA
27
tantalum capacitors.
VDIG
28
Digital supply input. Can be connected directly to pin 27.
VIN
1
Analog input. See Figure 24.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8515


Similar Part No. - ADS8515IBDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8515IBDBR TI-ADS8515IBDBR Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515IBDBRG4 TI-ADS8515IBDBRG4 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8515IBDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com