Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC114 Datasheet(PDF) 11 Page - Texas Instruments

Part # DDC114
Description  Quad Current Input, 20-Bit Analog-To-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DDC114_14 Datasheet HTML 7Page - Texas Instruments DDC114_14 Datasheet HTML 8Page - Texas Instruments DDC114_14 Datasheet HTML 9Page - Texas Instruments DDC114_14 Datasheet HTML 10Page - Texas Instruments DDC114_14 Datasheet HTML 11Page - Texas Instruments DDC114_14 Datasheet HTML 12Page - Texas Instruments DDC114_14 Datasheet HTML 13Page - Texas Instruments DDC114_14 Datasheet HTML 14Page - Texas Instruments DDC114_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DDC114
SBAS255C − JUNE 2004 − REVISED APRIL 2009
www.ti.com
11
At the completion of an A/D conversion, the charge on the
integration capacitor (CF) is reset with SREF1 and SRESET
(see Figure 4 and Figure 5a). In this manner, the selected
capacitor is charged to the reference voltage, VREF. Once
the integration capacitor is charged, SREF1 and SRESET are
switched so that VREF is no longer connected to the
amplifier circuit while it waits to begin integrating (see
Figure 5b). With the rising edge of CONV, SINTA closes,
which begins the integration of side A. This process puts
the integrator stage into its integrate mode (see Figure 5c).
Charge from the input signal is collected on the integration
capacitor, causing the voltage output of the amplifier to
decrease. The falling edge of CONV stops the integration
by switching the input signal from side A to side B (SINTA
and SINTB). Prior to the falling edge of CONV, the signal on
side B was converted by the A/D converter and reset
during the time that side A was integrating. With the falling
edge of CONV, side B starts integrating the input signal.
Now the output voltage of the side A operational amplifier
is presented to the input of the
∆Σ A/D converter (see
Figure 5d).
Integration Capacitors
There are eight different capacitors available on-chip for
both sides of every channel in the DDC114. These internal
capacitors are trimmed in production to achieve the
specified performance for range error of the DDC114. The
range control pins (RANGE0
−RANGE2) change the
capacitor value for all four integrators. Consequently, all
inputs and both sides of each input will always have the
same full-scale range. Table 1 shows the capacitor value
selected for each range selection.
Table 1. Range Selection of the DDC114
RANGE2
RANGE1
RANGE0
CF
(pF, typ)
INPUT RANGE
(pC, typ)
0
0
0
3
−0.048 to 12
0
0
1
12.5
–0.2 to 50
0
1
0
25
–0.4 to 100
0
1
1
37.5
–0.6 to 150
1
0
0
50
–0.8 to 200
1
0
1
62.5
–0.1 to 250
1
1
0
75
–1.2 to 300
1
1
1
87.5
–1.4 to 350
Voltage Reference
The external voltage reference is used to reset the
integration capacitors before an integration cycle begins.
It is also used by the
∆Σ converter while the converter is
measuring the voltage stored on the integrators after an
integration cycle ends. During this sampling, the external
reference must supply the charge needed by the
∆Σ
converter. For an integration time of 400
µs, this charge
translates to an average VREF current of approximately
75
µA. The amount of charge needed by the ∆Σ converter
is
independent of the integration time; therefore,
increasing the integration time lowers the average current.
For example, an integration time of 800
µs lowers the
average VREF current to 37.5
µA.
It is critical that VREF be stable during the different modes
of operation (see Figure 5). The
∆Σ converter measures
the voltage on the integrator with respect to VREF. Since
the integrator capacitors are initially reset to VREF, any
drop in VREF from the time the capacitors are reset to the
time when the converter measures the integrator output
will introduce an offset. It is also important that VREF be
stable over longer periods of time because changes in
VREF correspond directly to changes in the full-scale
range. Finally, VREF should introduce as little additional
noise as possible.
For these reasons, it is strongly recommended that the
external reference source be buffered with an operational
amplifier, as shown in Figure 6. In this circuit, the voltage
reference is generated by a 4.096V reference. A low-pass
filter to reduce noise connects the reference to an
operational amplifier configured as a buffer. This amplifier
should have low noise and input/output common-mode
ranges that support VREF. Following the buffer are
capacitors placed close to the DDC114 VREF pin. Even
though the circuit in Figure 6 might appear to be unstable
because of the large output capacitors, it works well for
most operational amplifiers. It is NOT recommended that
series resistance be placed in the output lead to improve
stability since this can cause a drop in VREF, producing
large offsets.
0.10
µF
+5V
10k
10
µF
4
3
2
3
1
2
7
6
+
0.10
µF
0.1
µF
10
µF
+
OPA350
0.47
µF
+5V
To VREF
Pin10of
the DDC114
REF3140
Figure 6. Recommended External Voltage Reference Circuit for Best Low-Noise Operation with the DDC114


Similar Part No. - DDC114_14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC114EH DIODES-DDC114EH Datasheet
73Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DDC114EH DIODES-DDC114EH Datasheet
88Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DDC114EH DIODES-DDC114EH Datasheet
186Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 4 - 2
DDC114EH DIODES-DDC114EH Datasheet
306Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 5 - 2 April 2015
DDC114EH-7 DIODES-DDC114EH-7 Datasheet
73Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
More results

Similar Description - DDC114_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
logo
Burr-Brown (TI)
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
   Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
[Old version datasheet]   Octal Current Input, 20-Bit Analog-To-Digital Converter
DDC112 TI1-DDC112_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com