Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1CY1032ZPH Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ1CY1032ZPH
Description  Maximum switching current: 3.5A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CY1032ZPH Datasheet(HTML) 5 Page - Sharp Corporation

  PQ1CY1032ZPH Datasheet HTML 1Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 2Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 3Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 4Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 5Page - Sharp Corporation PQ1CY1032ZPH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Sheet No.: OP06039
PQ1CY1032ZxH
Fig.15 Block Diagram
Fig.16 Step Down Type Circuit Diagram
Vo ltage regulator
Oc silla
tion circuit
Q
S
R
Ov ercurrent
de tection circuit
Ov erhe at
de tection circuit
CO M
ON /O FF circuit
Soft start
circuit
_
+
_
+
F/F
P W M C O MP .
ER R O R AMP .
V ref
_
+
V S'
1
2
3
4
5
V IN
O ADJ
V soft
V out
L
D
5
3
4
P Q1C Y 1032Z
R 1
R 2
R S
V O 5V
C O
C IN
C S
V IN
+
+
45 H
1 000 F
R S
≤50k
220 F
8 to 35V
3k
1k
ON /O FF controlsign al
Load
①②
-20
0
25
50
75 85 100
125
0
1
2
3
4
6
5
Cu area 3600mm2
Cu area 900mm2
Cu area 400mm2
Cu area 115mm2
Ambient temperature Ta (°C)
Fig.14 Power Dissipation vs. Ambient
Temperature (Typical Value)
Material
: Glass-cloth epoxy resin
Size
Cu thickness
Mounting PCB
PCB
Cu
: 60×60×1.6mm
: 65μm


Similar Part No. - PQ1CY1032ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CY1032ZP SHARP-PQ1CY1032ZP Datasheet
94Kb / 9P
   TO-263 Surface Mount Type Chopper Regulator
More results

Similar Description - PQ1CY1032ZPH

ManufacturerPart #DatasheetDescription
logo
Rohm
RDS035L03 ROHM-RDS035L03 Datasheet
44Kb / 4P
   Switching (30V, 3.5A)
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
   Switching (30V, 3.5A)
logo
STMicroelectronics
L4974A STMICROELECTRONICS-L4974A Datasheet
327Kb / 22P
   3.5A SWITCHING REGULATOR
June 2000
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
MSK5048RH ANAREN-MSK5048RH Datasheet
657Kb / 8P
   RAD HARD 3.5A SWITCHING REGULATOR
logo
STMicroelectronics
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
   3.5A step down switching regulator
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
   3.5A STEP DOWN SWITCHING REGULATOR
April 2000
logo
Linear Technology
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
logo
Inchange Semiconductor ...
2SK1548 ISC-2SK1548 Datasheet
61Kb / 2P
   Drain Current ?밒D=3.5A@ TC=25C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com