Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMN8118UWP Datasheet(PDF) 1 Page - Ericsson

Part # PMN8118UWP
Description  DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMN8118UWP Datasheet(HTML) 1 Page - Ericsson

  PMN8118UWP Datasheet HTML 1Page - Ericsson PMN8118UWP Datasheet HTML 2Page - Ericsson PMN8118UWP Datasheet HTML 3Page - Ericsson PMN8118UWP Datasheet HTML 4Page - Ericsson PMN8118UWP Datasheet HTML 5Page - Ericsson PMN8118UWP Datasheet HTML 6Page - Ericsson PMN8118UWP Datasheet HTML 7Page - Ericsson PMN8118UWP Datasheet HTML 8Page - Ericsson PMN8118UWP Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
1 (4)
Prepared (also subject responsible if other)
No.
EBOZHAO
1/1301-BMR656 8118
Approved
Checked
Date
Rev
Reference
SEC/D (Julia You)
2011-10-18
C
Key Features
• Industry standard POLATM compatible
34.8 x 15.75 x 8.5 mm (1.37 x 0.62 x 0.335 in)
• High efficiency, up to 96%
• Auto TrackTM sequencing pin
• Turbo TransTM Technology for Ultra-Fast Transient
• MTBF 4.6 Mh
General Characteristics
• Operating temperature: -40ºC to 85ºC
• Input under voltage protection
• Start up into a pre-biased output
• Output short-circuit protection
• On/Off inhibit control
• Wide input voltage function
• Wide output voltage adjust function
• Highly automated manufacturing ensures quality
• ISO 9001/14001 certified supplier
Safety Approvals
Design for Environment
Meets requirements in high-
temperature lead-free soldering
processes.
Contents
Ordering Information
.............................................................. 2
General Information
.............................................................. 2
Safety Specification
.............................................................. 3
Absolute Maximum Ratings
.............................................................. 4
Product Program
Ordering No.
0.7–3.6V, 30A / 108W
PMN 8118UW P .....................................
0.7V, 30A / 21W Electrical Specification
.............................................................. 5
1.0V, 30A / 30W Electrical Specification
.............................................................. 8
1.2V, 30A / 36W Electrical Specification
............................................................ 11
1.5V, 30A / 45W Electrical Specification
............................................................ 14
1.8V, 30A / 54W Electrical Specification
............................................................ 17
2.5V, 30A / 75W Electrical Specification
............................................................ 20
3.3V, 30A / 99W Electrical Specification
............................................................ 23
EMC Specification
............................................................ 26
Operating Information
............................................................ 26
Thermal Consideration
............................................................ 30
Connections
............................................................ 31
Mechanical Information
............................................................ 33
Soldering Information
............................................................ 35
Delivery Information
............................................................ 36
Product Qualification Specification
............................................................ 37
E
PMN 8000 series
DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
EN/LZT 146 387 R1C Oct 2011
© Ericsson Power Modules AB
Technical Specification


Similar Part No. - PMN8118UWP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN80XP NEXPERIA-PMN80XP Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
PMN80XP VBSEMI-PMN80XP Datasheet
449Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PMN80XP PHILIPS-PMN80XP_15 Datasheet
937Kb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 1-8 May 2012
More results

Similar Description - PMN8118UWP

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
logo
Bel Fuse Inc.
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
VRBC-16A2AX BEL-VRBC-16A2AX Datasheet
301Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
logo
Ericsson
PMD4118OWSR ERICSSON-PMD4118OWSR Datasheet
973Kb / 45P
   POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
PMB8818TP ERICSSON-PMB8818TP Datasheet
1Mb / 32P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMC8818TS ERICSSON-PMC8818TS Datasheet
1Mb / 34P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
logo
Texas Instruments
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com