Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMN8118UWP Datasheet(PDF) 8 Page - Ericsson

Part # PMN8118UWP
Description  DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMN8118UWP Datasheet(HTML) 8 Page - Ericsson

Back Button PMN8118UWP Datasheet HTML 4Page - Ericsson PMN8118UWP Datasheet HTML 5Page - Ericsson PMN8118UWP Datasheet HTML 6Page - Ericsson PMN8118UWP Datasheet HTML 7Page - Ericsson PMN8118UWP Datasheet HTML 8Page - Ericsson PMN8118UWP Datasheet HTML 9Page - Ericsson PMN8118UWP Datasheet HTML 10Page - Ericsson PMN8118UWP Datasheet HTML 11Page - Ericsson PMN8118UWP Datasheet HTML 12Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
5 (23)
Prepared (also subject responsible if other)
No.
EGUHAIL
2/1301-BMR 656 8118 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Julia You)
2011-10-18
E
1.0V, 30A / 30W Electrical Specification
PMN 8118UW P
Tref = -40 to +85ºC, VI = 5.5 to 14 V, Radj = 63.4 kΩ, unless otherwise specified under Conditions.
Typical values given at: Tref = +25°C, VI= 12 V, max IO , unless otherwise specified under Conditions.
Additional Cin = 470 µF and Cout = 470 µF. See Operating Information section for selection of capacitor types.
Connect the sense pin, where available, to the output pin.
Characteristics
Conditions
min
typ
max
Unit
VI
Input voltage range
5.5
12
14
V
VIoff
Turn-off input voltage
Decreasing input voltage
3.9
4.2
V
VIon
Turn-on input voltage
Increasing input voltage
5.1
5.3
V
CI
Internal input capacitance
44
μ
F
PO
Output power
0
30
W
50 % of max IO
87.7
η
Efficiency
max IO
83.9
%
Pd
Power Dissipation
max IO
5.8
6.3
W
Pli
Input idling power
IO= 0 A, VI = 12 V
0.67
W
PRC
Input standby power
VI = 12 V (turned off with RC)
30.2
mW
IS
Static Input current
VI = 12 V, max IO
3.0
A
fs
Switching frequency
0-100 % of max IO
430
480
530
kHz
VOi
Output voltage initial setting and
accuracy
Tref = +25°C, VI = 12 V, max IO
0.985
1.000
1.015
V
Output voltage tolerance band
10-100 % of max IO
0.970
1.030
V
Idling voltage
IO = 0 A
1.006
V
Line regulation
max IO
±4
mV
VO
Load regulation
VI = 12 V, 0-100 % of max IO
±7
mV
Vtr
Load transient
voltage deviation
±130
mV
ttr
Load transient recovery time
VI = 12 V, Load step 25-75-25 % of
max IO, di/dt = 2.5 A/μs
Without Turbo Trans
Co =1000 µF Type A
50
μ
s
Vtr
Load transient
voltage deviation
±90
mV
ttr
Load transient recovery time
VI = 12 V, Load step 25-75-25 % of
max IO, di/dt = 2.5 A/μs
With Turbo Trans
Co =1000 µF Type A; RTT =20 kΩ
40
μ
s
tr
Ramp-up time
(from 10−90 % of VOi)
9.5
ms
ts
Start-up time
(from VI connection to 90 % of VOi)
100 % of max IO
15.0
ms
Max IO
1.1
m
s
tf
VI shut-down fall time.
(From VI off to 10 % of VO)
IO = 0.1 A
73.1
ms
RC start-up time
Max IO
16.0
ms
Max IO
0.2
ms
tRC tInh
RC shut-down fall time
(From RC off to 10 % of VO)
Io = 0.1 A
0.3
ms
IO
Output current
0
30
A
Ilim
Current limit threshold
Tref < max Tref
58
A
Isc
Short circuit current
Tref = 25ºC,
58
A
VOac
Output ripple & noise
See ripple & noise section,
max IO
7.8
mVp-p
E
PMN 8000 series
DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
EN/LZT 146 387 R1C Oct 2011
© Ericsson Power Modules AB
Technical Specification
8


Similar Part No. - PMN8118UWP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN80XP NEXPERIA-PMN80XP Datasheet
1Mb / 15P
   20 V, single P-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
PMN80XP VBSEMI-PMN80XP Datasheet
449Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PMN80XP PHILIPS-PMN80XP_15 Datasheet
937Kb / 15P
   20 V, single P-channel Trench MOSFET
Rev. 1-8 May 2012
More results

Similar Description - PMN8118UWP

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
logo
Bel Fuse Inc.
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
VRBC-16A2AX BEL-VRBC-16A2AX Datasheet
301Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
SRDB-30B1AH BEL-SRDB-30B1AH Datasheet
278Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 5.5 V Input 0.9 V - 2.75 V/30 A Output
logo
Ericsson
PMD4118OWSR ERICSSON-PMD4118OWSR Datasheet
973Kb / 45P
   POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
PMB8818TP ERICSSON-PMB8818TP Datasheet
1Mb / 32P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMC8818TS ERICSSON-PMC8818TS Datasheet
1Mb / 34P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
logo
Texas Instruments
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com