Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2200 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS2200
Description  Low Voltage Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS2200 Datasheet HTML 1Page - ON Semiconductor NCS2200 Datasheet HTML 2Page - ON Semiconductor NCS2200 Datasheet HTML 3Page - ON Semiconductor NCS2200 Datasheet HTML 4Page - ON Semiconductor NCS2200 Datasheet HTML 5Page - ON Semiconductor NCS2200 Datasheet HTML 6Page - ON Semiconductor NCS2200 Datasheet HTML 7Page - ON Semiconductor NCS2200 Datasheet HTML 8Page - ON Semiconductor NCS2200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NCS2200, NCS2200A, NCV2200, NCS2202A
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range (VCC to VEE)
VS
6.0
V
Non−inverting/Inverting Input to VEE
−0.2 to (VCC + 0.2)
V
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
NCS2200, NCS2202, NCS2200A, NCS2202A
NCV2200, NCV2202
TA
−40 to +105
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Output Short Circuit Duration Time (Note 1)
tS
Indefinite
s
ESD Tolerance (Note 2)
NCS2200
Human Body Model
Machine Model
NCS2202
Human Body Model
Machine Model
NCS2200A
Human Body Model
Machine Model
2000
200
1000
200
1900
200
V
Thermal Resistance, Junction−to−Ambient
TSOP−5
DFN (Note 3)
SC70−5
UDFN
RqJA
238
215
283
350
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
RqJA
2. ESD data available upon request.
3. For more information, refer to application note, AND8080/D.


Similar Part No. - NCS2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
NCS2200A ONSEMI-NCS2200A Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
More results

Similar Description - NCS2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com