Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

420091B14 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 420091B14
Description  CONTROL KNOBS, MACHINED ALUMINUM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

420091B14 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  420091B14 Datasheet HTML 1Page - List of Unclassifed Manufacturers 420091B14 Datasheet HTML 2Page - List of Unclassifed Manufacturers 420091B14 Datasheet HTML 3Page - List of Unclassifed Manufacturers 420091B14 Datasheet HTML 4Page - List of Unclassifed Manufacturers 420091B14 Datasheet HTML 5Page - List of Unclassifed Manufacturers 420091B14 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U
U5
APEM, 63 Neck Road, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
KN SERIES
Solid aluminum with straight knurl and line indicator on side
Notes: Dims. in inches & (millimeters).
Shaft size is last 3 digits of Model No.
KNS SERIES
Solid aluminum with straight knurl and arrowhead indicator on skirt
MODEL (Two-toned)
COLOR (Body-top)
A
B
C
D
E
F
G
KN500AB1/8
Natural & Blk.
.500 (12.7)
.450 (11.4)
.380 (9.65)
.450 (11.4)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN500AB1/4
Natural & Blk.
.500 (12.7)
.450 (11.4)
.380 (9.65)
.450 (11.4)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN500BA1/8
Blk. & Natural
.500 (12.7)
.450 (11.4)
.380 (9.65)
.450 (11.4)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN500BA1/4
Blk. & Natural
.500 (12.7)
.450 (11.4)
.380 (9.65)
.450 (11.4)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN700AB1/4
Natural & Blk.
.750 (19.0)
.700 (17.8)
.590 (14.9)
.700 (17.8)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN700BA1/4
Blk. & Natural
.750 (19.0)
.700 (17.8)
.590 (14.9)
.700 (17.8)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN900AB1/4
Natural & Blk.
.940 (23.9)
.880 (22.3)
.710 (18.0)
.800 (22.3)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN900BA1/4
Blk. & Natural
.940 (23.9)
.880 (22.3)
.710 (18.0)
.800 (22.3)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN1250AB1/4
Natural & Blk.
1.25 (31.7)
1.20 (30.5)
.980 (24.9)
1.20 (30.5)
.630 (16.0)
.510 (13.0)
.460 (11.7)
KN1250BA1/4
Blk. & Natural
1.25 (31.7)
1.20 (30.5)
.980 (24.9)
1.20 (30.5)
.630 (16.0)
.510 (13.0)
.460 (11.7)
MODEL
COLOR
A
B
C
D
E
F
G
KNS501A1/8
Natural
.500 (12.7)
.450 (11.4)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS501A1/4
Natural
.500 (12.7)
.450 (11.4)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS501B1/8
Black
.500 (12.7)
.450 (11.4)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS501B1/4
Black
.500 (12.7)
.450 (11.4)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS701A1/4
Natural
.750 (19.0)
.700 (17.8)
.590 (14.9)
1.13 (28.3)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS701B1/4
Black
.750 (19.0)
.700 (17.8)
.590 (14.9)
1.13 (28.3)
.630 (16.0)
.510 (13.0)
.430 (10.9)
TWO-TONED
BODY-TOP-SKIRT
KNS501BA1/8
Blk.& Natural
.500 (12.7)
.450 (11.4)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS501BA1/4
Blk.& Natural
.500 (12.7)
.450 (11.4)
.380 (9.65)
.750 (19.0)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS701BA1/8
Blk.& Natural
.750 (19.0)
.700 (17.8)
.590 (14.9)
1.13 (28.3)
.630 (16.0)
.510 (13.0)
.430 (10.9)
KNS701BA1/4
Blk.& Natural
.750 (19.0)
.700 (17.8)
.590 (14.9)
1.13 (28.3)
.630 (16.0)
.510 (13.0)
.430 (10.9)


Similar Part No. - 420091B14

ManufacturerPart #DatasheetDescription
logo
Powerbox
4200 POWERBOX-4200 Datasheet
353Kb / 1P
   10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
ebm-papst
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
   Tubeaxial
logo
3M Electronics
4200 3M-4200 Datasheet
135Kb / 3P
   3M??Electronic Surfactant 4200
logo
Heyco.
4200 HEYCO-4200 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
IET Labs Inc.
4200-0300 IET-4200-0300 Datasheet
95Kb / 2P
   Cost Effective, Accurate, Impedance
More results

Similar Description - 420091B14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KLNS500A1 MACOM-KLNS500A1 Datasheet
242Kb / 4P
   Knobs, Machined Aluminum
logo
List of Unclassifed Man...
450-2034-GRX ETC2-450-2034-GRX Datasheet
87Kb / 2P
   Control Knobs
45KN030 ETC1-45KN030 Datasheet
122Kb / 1P
   Aluminum Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-6015 ETC2-450-6015 Datasheet
122Kb / 1P
   Brushed Aluminum Knobs
450-3050 ETC2-450-3050 Datasheet
190Kb / 1P
   Slide Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
   Instrument Control Knobs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com