Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JJN-25 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # JJN-25
Description  JJN - 300Vac, 1-1200A, Fast-Acting Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

JJN-25 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  JJN-25 Datasheet HTML 1Page - Cooper Bussmann, Inc. JJN-25 Datasheet HTML 2Page - Cooper Bussmann, Inc. JJN-25 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0713
BU-SB13734
Page 3 of 3
Data Sheet # 1025
LIMITRON™ 300V Class T
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current-Limitation Curves
Custom Designs
Printed circuit board versions available up to 60 amps.
Consult factory for details.
Dimensions - in
100,000
80,000
60,000
40,000
30,000
20,000
10,000
8,000
6,000
4,000
3,000
2,000
1,000
800
600
400
300
200
200,000
400,000
300,000
600
400
200
100
60
30
15
800
1200
B
A
PROSPECTIVE SHORT-CIRCUIT CURRENT–SYMMETRICAL RMS AMPS
JJN — 300Vac, 1-1200A, Fast-Acting Fuses
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Fuse Amps/Catalog Number
AB
JJN-(1-30)L
0.406
0.125
JJN-(35-60)L
0.563
0.125
JJN-(35-60)L-01
0.563
0.165
The JJN-XXL products are UL Component Recognized under
Guide JFHR2, File E56412.
A
B
0.500"
0.190"MIN.
1.743" (± .020)
1.395" (± .015)
.875" (± .015)
CL
Current-Limiting Effects
Prosp.
Let-Through Current
S.C.C.
(Apparent RMS Symmetrical Vs. Fuse Rating)
15A
30A
60A
100A
200A
400A
600A
800A 1200A
500 1000 1000
1000
1000
1000
1000
1000
1000
1000
1000 1000 1000
1000
1000
1000
1000
1000
1000
1000
5000 1000 1000
1000
1000
2000
3000
5000
5000
5000
10,000 1000 1000
1000
2000
2000
4000
6000
7000
9000
15,000 1000 1000
1000
2000
3000
4000
6000
9000 10,000
20,000 1000 1000
1000
2000
3000
5000
7000 10,000 11,000
25,000 1000 1000
2000
2000
3000
5000
7000 10,000 12,000
30,000 1000 1000
2000
2000
3000
5000
8000 11,000 13,000
35,000 1000 1000
2000
3000
4000
6000
8000 11,000 13,000
40,000 1000 1000
2000
3000
4000
6000
9000 11,000 13,000
50,000 1000 1000
2000
3000
4000
7000
9000 12,000 15,000
60,000 1000 1000
2000
3000
4000
7000
10,000 13,000 16,000
70,000 1000 1000
2000
3000
5000
7000
10,000 14,000 17,000
80,000 1000 2000
2000
3000
5000
8000
11,000 15,000 17,000
90,000 1000 2000
2000
3000
6000
8000
11,000 15,000 18,000
100,000 1000 2000
2000
4000
6000
8000
12,000 16,000 19,000
150,000 1000 2000
3000
4000
6000
9000
13,000 17,000 22,000
200,000 2000 2000
3000
4000
7000
9000
15,000 19,000 23,000


Similar Part No. - JJN-25

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
JJN-25 EATON-JJN-25 Datasheet
825Kb / 4P
   JJN Limitron??300Vac, 1-1200A, fast-acting Class T fuses
JJN-250 EATON-JJN-250 Datasheet
825Kb / 4P
   JJN Limitron??300Vac, 1-1200A, fast-acting Class T fuses
More results

Similar Description - JJN-25

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
JJN EATON-JJN Datasheet
825Kb / 4P
   JJN Limitron??300Vac, 1-1200A, fast-acting Class T fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
JJS-1 COOPER-JJS-1 Datasheet
289Kb / 3P
   JJS ??600Vac, 1-800A, Fast-Acting Fuses
JJS-40 COOPER-JJS-40 Datasheet
291Kb / 3P
   JJS 600Vac, 1-800A, Fast-Acting Fuses
JJS-60 COOPER-JJS-60 Datasheet
291Kb / 3P
   JJS - 600Vac, 1-800A, Fast-Acting Fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
   JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
ABC EATON-ABC Datasheet
260Kb / 2P
   1????x 1 1????Fast-acting ceramic tube fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com