Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KEL5002A-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KEL5002A-A
Description  GaAs Infrared Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KEL5002A-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KEL5002A-A Datasheet HTML 1Page - List of Unclassifed Manufacturers KEL5002A-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs Infrared Emitter
CCCC
OPE5594A
The OPE5594S is GaAlAs infrared emitting diode
DIMENSIONS (Unit : mm)
that is designed for high reliability, high radiant intensity and
low forward voltage .This device is optimized for efficiency
at emission wavelength 940nm and has a high radiant
efficiency over a wide range of forward current.
This device is packaged T1-3/4 plastic package
and has narrow beam angle with lensed package
and cup frame.
FEATURES
C
• High-output powerC
• Narrow beam angle
• High reliability and long term stability
• Available for pulse operating
C
APPLICATIONS
C
• Optical emitters
• Optical switches
• Smoke sensors
• IR remote control
• IR sound transmission
STORAGE
• Condition : 5°C~35°C,R.H.60%
• Terms : within 3 months from production date
• Remark : Once the package is opened, the products should be used within a day.
Otherwise, it should be keeping in a damp proof box with desiccants.
* Please take proper steps in order to secure reliability and safety in required conditions and environments
for this device.
MAXIMUM RATINGS
C C
C
CCCCCCCCCCCCCCCCC(Ta=25°C )
Item
Symbol
Rating
Unit
Power Dissipation
PDC
150
C
Forward current
IFC
100
EC
Pulse forward current
CCC 1C
IFPC
1.0
A
C
Reverse voltage
VRC
5.0
C
Operating temp.
Topr.
-25~ +85
°CC
Soldering temp.
CCCCCCCCCCCCCC 2
Tsol.
260.
°CC
1.Duty ratio = 1/100, pulse width=0.1ms.
2.Lead Soldering Temperature (2mm from case for 5sec.).
ELECTRO-OPTICALCHARACTERISTICS
(Ta=25
°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF =100mA
1.4
1.7
V
Reverse current
IR
VR= 5V
10
µA
Capacitance
Ct
f = 1MHz
20
pF
Radiant intensity
Ie
IF=100mA
80
mW/
Peak emission wavelength
p
IF= 50mA
940
nm
Spectral bandwidth 50%
IF= 50mA
45
nm
Half angle

IF=100mA
±10
deg.
CC
2-
0.5
2.5
Anode
Cathode
Tolerance :
±0.2mm


Similar Part No. - KEL5002A-A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KEL5002A KODENSHI-KEL5002A Datasheet
194Kb / 3P
   940nm wavelength
More results

Similar Description - KEL5002A-A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5594A ETC2-OPE5594A Datasheet
110Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD-274 OSRAM-LD-274 Datasheet
163Kb / 11P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5194 ETC2-OPE5194 Datasheet
193Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
SFH-4110 OSRAM-SFH-4110 Datasheet
178Kb / 10P
   GaAs Infrared Emitter
logo
Siemens Semiconductor G...
LD242 SIEMENS-LD242 Datasheet
39Kb / 5P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5294 ETC-OPE5294 Datasheet
191Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD274 OSRAM-LD274 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
SFH-400 OSRAM-SFH-400 Datasheet
172Kb / 13P
   GaAs Infrared Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com