Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7959SDBTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS7959SDBTRG4
Description  12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7959SDBTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7959SDBTRG4 Datasheet HTML 1Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 2Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 3Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 4Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 5Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 6Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 7Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 8Page - Texas Instruments ADS7959SDBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
ADS7950, ADS7951, ADS7952, ADS7953
ADS7954, ADS7955, ADS7956, ADS7957
ADS7958, ADS7959, ADS7960, ADS7961
www.ti.com
SLAS605A – JUNE 2008 – REVISED JANUARY 2010
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
Check for Samples: ADS7950, ADS7951, ADS7952, ADS7953, ADS7954, ADS7955, ADS7956, ADS7957, ADS7958, ADS7959,
ADS7960, ADS7961
1
FEATURES
DESCRIPTION
1-MHz Sample Rate Serial Devices
The
ADS79XX
is
a
12/10/8-bit
multichannel
analog-to-digital converter family. The following table
Product Family of 12/10/8-Bit Resolution
shows all twelve devices from this product family.
Zero Latency
The devices include a capacitor based SAR A/D
20-MHz Serial Interface
converter with inherent sample and hold.
Analog Supply Range: 2.7 to 5.25V
The devices accept a wide analog supply range from
I/O Supply Range: 1.7 to 5.25V
2.7V to 5.25V. Very low power consumption makes
Two SW Selectable Unipolar, Input Ranges: 0
these
devices
suitable
for
battery-powered
and
to 2.5V and 0 to 5V
isolated power supply applications.
Auto and Manual Modes for Channel Selection
A wide 1.7V to 5.25V I/O supply range facilitates a
12,8,4-Channel Devices can Share 16 Channel
glue-less interface with the most commonly used
Device Footprint
CMOS digital hosts.
Two Programmable Alarm Levels per Channel
The serial interface is controlled by CS and SCLK for
Four Individually Configurable GPIOs for
easy connection with microprocessors and DSP.
TSSOP package devices. One GPIO for QFN
The input signal is sampled with the falling edge of
devices
CS. It uses SCLK for conversion, serial data output,
Typical Power Dissipation: 14.5 mW (+VA = 5V,
and reading serial data in. The devices allow auto
+VBD = 3V) at 1 MSPS
sequencing
of
preselected
channels
or
manual
selection of a channel for the next conversion cycle.
Power-Down Current (1 mA)
Input Bandwidth (47 MHz at 3dB)
There are two software selectable input ranges (0V -
2.5V and 0V - 5V), four individually configurable
38-,30-Pin TSSOP and 32-,24-Pin QFN
GPIOs ( in case of TSSOP package devices), and
Packages
two programmable alarm thresholds per channel.
These features make the devices suitable for most
APPLICATIONS
data acquisition applications.
PLC / IPC
The devices offer an attractive power-down feature.
Battery Powered Systems
This is extremely useful for power saving when the
Medical Instrumentation
device is operated at lower conversion speeds.
Digital Power Supplies
The 16/12-channel devices from this family are
Touch Screen Controllers
available in a 38-pin TSSOP and 32 pin QFN
High-Speed Data Acquisition Systems
package and the 4/8-channel devices are available in
High-Speed Closed-Loop Systems
a 30-pin TSSOP and 24 pin QFN packages.
MICROPOWER MULTI-CHANNEL ADS79XX FAMILY
RESOLUTION
NUMBER OF
CHANNELS
12 BIT
10 BIT
8 BIT
16
ADS7953
ADS7957
ADS7961
12
ADS7952
ADS7956
ADS7960
8
ADS7951
ADS7955
ADS7959
4
ADS7950
ADS7954
ADS7958
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7959SDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7959SDBTRG4 TI-ADS7959SDBTRG4 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7959SDBTRG4 TI1-ADS7959SDBTRG4 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Similar Description - ADS7959SDBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com