Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84-B7V5 Datasheet(PDF) 1 Page - General Semiconductor

Part # BZX84-B7V5
Description  Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX84-B7V5 Datasheet(HTML) 1 Page - General Semiconductor

  BZX84-B7V5 Datasheet HTML 1Page - General Semiconductor BZX84-B7V5 Datasheet HTML 2Page - General Semiconductor BZX84-B7V5 Datasheet HTML 3Page - General Semiconductor BZX84-B7V5 Datasheet HTML 4Page - General Semiconductor BZX84-B7V5 Datasheet HTML 5Page - General Semiconductor BZX84-B7V5 Datasheet HTML 6Page - General Semiconductor BZX84-B7V5 Datasheet HTML 7Page - General Semiconductor BZX84-B7V5 Datasheet HTML 8Page - General Semiconductor BZX84-B7V5 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
9/28/00
Features
• Silicon Planar Power Zener Diodes
• The Zener voltages are graded according to the
international E 24 standard. Standard Zener voltage
tolerance is ±5%. Replace “C” with “B” for ±2%
tolerance. Other voltage tolerances and other
Zener voltages are available upon request.
• These diodes are also available in other case
styles and other configurations including: the
SOD-123 case with type designation BZT52 series,
the dual zener diode common anode configuration
in the SOT-23 case with type designation AZ23
series and the dual zener diode common cathode
configuration in the SOT-23 case with type
designation DZ23 series.
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Zener Current
IZM
250
mA
Power Dissipation at Tamb = 25°C
Ptot
300(1)
mW
Thermal Resistance Junction to Ambient Air
R
ΘJA
420(1)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
Notes: (1) Device on fiberglass substrate, see layout.
BZX84 Series
Zener Diodes
Vz Range 2.4 to 75V
Power Dissipation 300mW
0.079 (2.0)
0.037 (0.95)
0.035 (0.9)
0.031 (0.8)
0.037 (0.95)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.110 (2.8)
.094 (2.4)
TO-236AB (SOT-23)
Dimensions in inches
and (millimeters)
Mounting Pad Layout
Mechanical Data
Case: SOT-23 Plastic Package
Weight: Approx. 0.008g
Packaging Codes/Options:
E8/10K per 13” reel (8mm tape), 30K box
E9/3K per 7” reel (8mm tape), 30K box
Top View


Similar Part No. - BZX84-B7V5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-B7V5 PHILIPS-BZX84-B7V5 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
DAESAN ELECTRONIC CORP.
BZX84-B7V5 DAESAN-BZX84-B7V5 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-B7V5 NXP-BZX84-B7V5 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B7V5 NXP-BZX84-B7V5 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B7V5 PHILIPS-BZX84-B7V5 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
More results

Similar Description - BZX84-B7V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com