Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34690-9202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34690-9202
Description  Stac64??Vertical Header Assembly, 20 Circuits, Polarization C, Brown, Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34690-9202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34690-9202 Datasheet HTML 1Page - Molex Electronics Ltd. 34690-9202 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34690-9202
Status:
Active
Overview:
Stac64™ Single, Multi-Pocket and Hybrid Header System
Description:
Stac64™ Vertical Header Assembly, 20 Circuits, Polarization C, Brown, Tube
Documents:
3D Model
Application Specification AS-34729-020 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34729-020 (PDF)
Product Literature (PDF)
General
Product Family
PCB Headers
Series
34690
Application
Power, Wire-to-Board
Comments
Polarization C
Overview
Stac64™ Single, Multi-Pocket and Hybrid Header
System
Product Literature Order No
987650-4561
Product Name
Stac64™
UPC
883906211639
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Brown
Durability (mating cycles max)
10
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
7.555/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.33mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.57mm
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +100°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
10A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34690Series
Mates With
31408 USCAR 2.54mm (.100”) Pitch
Receptacle, 31372 5.25mm (.206") Pitch
Hybrid Receptacle Assembly, 34729
2.54mm (.100") Pitch Stac64™ Right Angle
Receptacle


Similar Part No. - 34690-9202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34690-9200 MOLEX11-34690-9200 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 20 Circuits, Polarization A, Black, Tube
34690-9201 MOLEX11-34690-9201 Datasheet
41Kb / 2P
   Stac64??Vertical Header Assembly, 20 Circuits, Polarization B, Gray, Tube
34690-9203 MOLEX4-34690-9203 Datasheet
337Kb / 4P
   2.54mm (.100") Pitch Stac64??Vertical Header, 20 Circuits, Polarization D, Green,Tube
34690-9203 MOLEX11-34690-9203 Datasheet
43Kb / 2P
   Stac64??Vertical Header Assembly, 20 Circuits, Polarization D, Green, Tube
More results

Similar Description - 34690-9202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34690-9122 MOLEX11-34690-9122 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 12 Circuits, Polarization C, Brown, Tube
34690-9082 MOLEX11-34690-9082 Datasheet
41Kb / 2P
   Stac64??Vertical Header Assembly, 8 Circuits, Polarization C, Brown, Tube
34690-9162 MOLEX11-34690-9162 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 16 Circuits, Polarization C, Brown, Tube
34690-0202 MOLEX11-34690-0202 Datasheet
42Kb / 2P
   Stac64??Vertical Header Assembly, 20 Circuits, Polarization C, Brown, Tray
34691-9202 MOLEX11-34691-9202 Datasheet
59Kb / 2P
   Stac64??Right Angle Header, 20 Circuits, Polarization C, Brown, Tube
34690-0162 MOLEX11-34690-0162 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 16 Circuits, Polarization C, Brown, Tray
34690-0082 MOLEX11-34690-0082 Datasheet
41Kb / 2P
   Stac64??Vertical Header Assembly, 8 Circuits, Polarization C, Brown, Tray
34690-0122 MOLEX11-34690-0122 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 12 Circuits, Polarization C, Brown, Tray
34691-0202 MOLEX11-34691-0202 Datasheet
59Kb / 2P
   Stac64??Right Angle Header Assembly, 20 Circuits, Polarization C, Brown, Tray
34691-9162 MOLEX11-34691-9162 Datasheet
60Kb / 2P
   Stac64??Right Angle Header, 16 Circuits, Polarization C, Brown, Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com