Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC601 Datasheet(PDF) 1 Page - General Semiconductor

Part # GBPC601
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GBPC601 Datasheet(HTML) 1 Page - General Semiconductor

  GBPC601 Datasheet HTML 1Page - General Semiconductor GBPC601 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBPC6005 THRU GBPC610
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 6.0 Amperes
FEATURES
♦ Plastic package has carries Underwriters Laboratory
Flammability Classification 94V-0
♦ This series is UL listed under recognized under Component
Index, file number E54214
♦ Glass passivated chip junctions
♦ High case dielectric strength of 1500 VRMS
♦ Typical IR less than 0.5µA
♦ High forward surge current capability
♦ Ideal for printed circuit boards
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5lbs. (2.3 kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junction
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any (NOTE 1)
Mounting Torque: 5.0 in. - lb. max.
Weight: 0.1 ounce, 2.8 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
GBPC
GBPC
GBPC
GBPC
GBPC
GBPC
GBPC
SYMBOLS
6005
601
602
604
606
608
610
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000 Volts
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000 Volts
Maximum average forward
TC=50°C (NOTE1, 2)
6.0
rectified output current at
TA=40°C (NOTE 3)
I(AV)
3.0
Amps
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
175.0
Amps
Rating for fusing (t<8.3ms)
I2t
127.0
A2sec
Maximum instantaneous forward voltage drop
per leg at 3.0 Amperes
VF
1.0
Volts
Maximum DC reverse current at rated
TA=25°C
5.0
DC blocking voltage per leg
TA=125°C
IR
500.0
µA
Typical junction capacitance per leg (NOTE 4)
CJ
186.0
90.0
pF
Typical thermal resistance per leg (NOTE 3)
R
ΘJA
22.0
°C/W
(NOTE 2)
R
ΘJC
7.3
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
NOTES:
(1) Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with #6 screw
(2) Unit mounted on 5.5 x 6.0 x 0.11" thick (14 x 15 x 0.3cm) Al. Plate
(3) Unit mounted on P.C.B. at 0.375" (9.5mm) lead length with 0.5 x 0.5" (12 x 12mm) copper pads
(4) Measured at 1 MHz and applied reverse voltage of 4.0 Volts
HOLE FOR
#6 SCREW
0.158 (4.01)
0.142 (3.61)
DIA.
0.128 (3.25)
0.048 (1.22)
0.200 (5.08)
0.160 (4.06)
0.750
(19.05)
MIN.
0.040 (1.02) TYP.
0.094 (2.4) x 45 degrees
0.445 (11.30)
0.405 (10.29)
0.630 (16.00)
0.590 (14.98)
AC
AC
Polarity shown on side of case: Positive lead by beveled corner
0.445 (11.30)
0.405 (10.29)
0.630 (16.00)
0.590 (14.98)
DIA.
0.042(1.07)
0.038(0.96)
Dimensions in inches and (millimeters)
Case Style GBPC
4/98


Similar Part No. - GBPC601

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBPC601 CHENYI-GBPC601 Datasheet
205Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC601 VISHAY-GBPC601 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
logo
TAITRON Components Inco...
GBPC601 TAITRON-GBPC601 Datasheet
210Kb / 4P
   6.0A Glass Passivated Bridge Rectifier
logo
Vishay Siliconix
GBPC601 VISHAY-GBPC601 Datasheet
99Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
MIC GROUP RECTIFIERS
GBPC601 MIC-GBPC601 Datasheet
70Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - GBPC601

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com