Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2700 Datasheet(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

Part # T2700
Description  High Voltage, 6-A Silicon Triacs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

T2700 Datasheet(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  T2700 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. T2700 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - T2700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2700 ETC-T2700 Datasheet
222Kb / 5P
   HIGH VOLTAGE 6-A SILICON TRIACS
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
List of Unclassifed Man...
T2700B ETC-T2700B Datasheet
222Kb / 5P
   HIGH VOLTAGE 6-A SILICON TRIACS
T2700D ETC-T2700D Datasheet
222Kb / 5P
   HIGH VOLTAGE 6-A SILICON TRIACS
T2700M ETC-T2700M Datasheet
222Kb / 5P
   HIGH VOLTAGE 6-A SILICON TRIACS
More results

Similar Description - T2700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2700 ETC-T2700 Datasheet
222Kb / 5P
   HIGH VOLTAGE 6-A SILICON TRIACS
T2800 ETC1-T2800 Datasheet
256Kb / 4P
   HIGH VOLTAGE, 8 - A SILICON TRIACS
SC141 ETC1-SC141 Datasheet
232Kb / 6P
   6-A AND 10-A SILICON TRIACS
logo
STMicroelectronics
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
TXDV1212RG STMICROELECTRONICS-TXDV1212RG Datasheet
93Kb / 7P
   12 A high voltage Triacs
TPDVXX25 STMICROELECTRONICS-TPDVXX25 Datasheet
82Kb / 7P
   25 A high voltage Triacs
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
70Kb / 7P
   40 A high voltage Triacs
logo
NXP Semiconductors
BT236X NXP-BT236X Datasheet
87Kb / 12P
   6 A Four-quadrant triacs
Rev. 02-14 March 2006
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com