Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2K Datasheet(PDF) 1 Page - General Semiconductor

Part # G2K
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

G2K Datasheet(HTML) 1 Page - General Semiconductor

  G2K Datasheet HTML 1Page - General Semiconductor G2K Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
G2A THRU G2M
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
FEATURES
♦ High temperature metallurgically bonded
construction
♦ Glass passivated cavity-free junction
♦ Hermetically sealed package
2.0 Ampere operation
at TA=75°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AP solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.02 ounce, 0.56 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
G2A
G2B
G2D
G2G
G2J
G2K
G2M
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=75°C
I(AV)
2.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
50.0
Amps
Maximum instantaneous forward voltage at 2.0A
VF
1.2
1.1
Volts
Maximum full load reverse current, full cycle
average 0.375" (9.5mm) lead length at TA=100°C
IR(AV)
100.0
µA
Maximum DC reverse current
TA=25°C
1.0
at rated DC blocking voltage
TA=150°C
IR
100.0
µA
Typical reverse recovery time (NOTE 1)
trr
1.5
µs
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Measured with IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length P.C.B mounted.
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306
0.034 (0.86)
0.028 (0.71)
DIA.
0.150 (3.8)
0.100 (2.5)
DIA.
1.0 (25.4)
MIN.
0.240 (6.1)
MAX.
1.0 (25.4)
MIN.
DO-204AP


Similar Part No. - G2K

ManufacturerPart #DatasheetDescription
logo
Nova Electric. All Righ...
G2K60-240 NOVA-G2K60-240 Datasheet
499Kb / 2P
   PURE-SINEWAVE DC-AC INVERTERS
logo
MIC GROUP RECTIFIERS
G2KF MIC-G2KF Datasheet
85Kb / 3P
   SURFACE MOUNT SILICON RECTIFIERS
logo
RFE international
G2KF RFE-G2KF Datasheet
1Mb / 3P
   Surface Mount Tension Resolution G2AF Through G2MF
07-14-2020
More results

Similar Description - G2K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com