Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7886SDCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7886SDCKR
Description  12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7886SDCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7886SDCKR Datasheet HTML 2Page - Texas Instruments ADS7886SDCKR Datasheet HTML 3Page - Texas Instruments ADS7886SDCKR Datasheet HTML 4Page - Texas Instruments ADS7886SDCKR Datasheet HTML 5Page - Texas Instruments ADS7886SDCKR Datasheet HTML 6Page - Texas Instruments ADS7886SDCKR Datasheet HTML 7Page - Texas Instruments ADS7886SDCKR Datasheet HTML 8Page - Texas Instruments ADS7886SDCKR Datasheet HTML 9Page - Texas Instruments ADS7886SDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3
2
4
6
1
VDD
GND
VIN
CS
SCLK
SDO
5
1
2
4
5
6
14
15
CS
SCLK
SDO
0
0
0
D11
D10
D3
D2
13
D1
D0
16
t
d1
td2
t
h1
tconv
1/throughput
tq
td3
tw1
b
tsu1
a
ADS7886
SLAS492A – SEPTEMBER 2005 – REVISED NOVEMBER 2009
www.ti.com
DEVICE INFORMATION
SOT23/SC70 PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VDD
1
Power supply input also acts like a reference voltage to ADC.
GND
2
Ground for power supply, all analog and digital signals are referred with respect to this pin.
VIN
3
I
Analog signal input
SCLK
4
I
Serial clock
SDO
5
O
Serial data out
CS
6
I
Chip select signal, active low
NORMAL OPERATION
The cycle begins with the falling edge of CS. This point is indicated as a in Figure 1. With the falling edge of CS,
the input signal is sampled and the conversion process is initiated. The device outputs data while the conversion
is in progress. The data word contains 4 leading zeros, followed by 12-bit data in MSB first format.
The falling edge of CS clocks out the first zero, and a zero is clocked out on every falling edge of the clock until
the third edge. Data is in MSB first format with the MSB being clocked out on the 4th falling edge. On the 16th
falling edge of SCLK, SDO goes to the 3-state condition. The conversion ends on the 16th falling edge of SCLK.
The device enters the acquisition phase on the first rising edge of SCLK after the 13th falling edge. This point is
indicated by b in Figure 1.
CS can be asserted (pulled high) after 16 clocks have elapsed. It is necessary not to start the next conversion by
pulling CS low until the end of the quiet time (tq) after SDO goes to 3-state. To continue normal operation, it is
necessary that CS is not pulled high until point b. Without this, the device does not enter the acquisition phase
and no valid data is available in the next cycle. (Also refer to power down mode for more details.) CS going high
any time after the conversion start aborts the ongoing conversion and SDO goes to 3-state.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.25 V when the device supply is 2.35 V. This feature is useful when digital signals are coming from
another circuit with different supply levels. Also, this relaxes the restriction on power up sequencing. However,
the digital output levels (VOH and VOL) are governed by VDD as listed in the Electrical Characteristics table.
Figure 1. Interface Timing Diagram
6
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS7886


Similar Part No. - ADS7886SDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886SDCKR TI-ADS7886SDCKR Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS7886SDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com