Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7871IDBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7871IDBR
Description  PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7871IDBR Datasheet(HTML) 4 Page - Texas Instruments

  ADS7871IDBR Datasheet HTML 1Page - Texas Instruments ADS7871IDBR Datasheet HTML 2Page - Texas Instruments ADS7871IDBR Datasheet HTML 3Page - Texas Instruments ADS7871IDBR Datasheet HTML 4Page - Texas Instruments ADS7871IDBR Datasheet HTML 5Page - Texas Instruments ADS7871IDBR Datasheet HTML 6Page - Texas Instruments ADS7871IDBR Datasheet HTML 7Page - Texas Instruments ADS7871IDBR Datasheet HTML 8Page - Texas Instruments ADS7871IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ADS7871
SLAS370C − APRIL 2002 − REVISED OCTOBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
For the Total System (1), −40
°C ≤ TA ≤ 85°C, VDD = 5 V, BUFIN = 2.5 V (using external reference), 2.5-MHz CCLK and 2.5-MHz SCLK (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Outputs
Data coding
Binary 2s complement
Low-level output voltage, VOL
ISINK = 5 mA
0.4
V
Logic levels
Low-level output voltage, VOL
ISINK = 16 mA
0.8
V
Logic levels
High-level output voltage, VOH
ISOURCE = 0.5 mA
VDD − 0.4
V
High-level output voltage, VOH
ISOURCE = 5 mA
4.6
V
Leakage current
Hi-Z state, VO = 0 V to VDD
1
µA
Output capacitance
5
pF
Voltage Reference
Bandgap voltage
VREF = 2.048 V, 2.5 V
Pin 26 used as output,
Use internal OSC or external
−0.25
±0.05
0.25
%FSR
Bandgap voltage
reference
VREF = 1.15 V
Use internal OSC or external
CCLK as conversion clock
1.15
V
Output drive
±0.6
µA
Reference Buffer
Input voltage, BUFIN
0.9
VDD − 0.2
V
Input impedance, BUFIN
At pin 27
1000||3
G
Ω||pF
Input offset
−10
±1
10
mV
Output voltage accuracy vs temperature,
(2) (3)
Pin 28 used as output,
−0.25
±0.05
0.25
%FSR
Output voltage accuracy vs temperature,
BUFOUT/REFIN (2) (3)
Pin 28 used as output,
VREF = 2.048 V and 2.5 V
10
50
ppm/
°C
Output drive, BUFOUT/REFIN
20
mA
Power Supply Requirements
Supply voltage
2.7
5.5
V
(2)
1-kHz Sample rate
REF and BUF on, Internal os-
cillator on
1.2
mA
Power supply current (2)
48-kHz Sample rate
REF and BUF on, External
CCLK
1.7
2
mA
Power down
REF, BUF, Internal
oscillator off
1
µA
(2)
1-kHz Sample rate
REF and BUF on, Internal
oscillator on
6
mW
Power dissipation (2)
48-kHz Sample rate
REF and BUF on, External
CCLK
8.5
11
mW
Power down
REF and BUF off
5
µW
Temperature Range
Operating free-air
−40
85
°C
Storage range
−65
150
°C
Thermal resistance,
QJA
65
°C/W
(1) The specifications for the total system are overall analog input to digital output specifications. The specifications for internal functions indicate
the performance of the individual functions in the ADS7871.
(2) REF and BUF contribute 190 µA and 150 µA (950 µW and 750 µW) respectively. At initial power up the default condition for both REF and BUF
functions is power off. They can be turned on under software control by writing a 1 to D3 and D2 of register 7, REF/OSCILLATOR CONTROL
register.
(3) For VDD < 3 V, VREF = 2.5 V is not usable.


Similar Part No. - ADS7871IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871IDBR TI-ADS7871IDBR Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBR TI1-ADS7871IDBR Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBRG4 TI1-ADS7871IDBRG4 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Similar Description - ADS7871IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Analog Devices
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
List of Unclassifed Man...
88981133 ETC2-88981133 Datasheet
1Mb / 5P
   16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com